Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML33111 Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

No. de pieza ML33111
Descripción Electrónicos  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111 Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML33111 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.lansdale.com
Page 6 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
Expander
f, FREQUENCY (Hz)
100
15
– 40
– 20
0
20
20
100
25
1.0
1000
Vin, INPUT VOLTAGE (dB)
f, FREQUENCY (Hz)
Vin = 1.0 mVrms
Figure 5. Frequency Response (Compressor)
Figure 6. Frequency Response (Expander)
Figure 3. Transfer Characteristics
Vin, INPUT VOLTAGE (mVrms)
Figure 4. Transfer Characteristics
Compressor
Expander
0 dB = 100 mVrms
Vin = 10 mVrms
Vin = 100 mVrms
Vin = 1.0 Vrms
Vin = 316 mVrms
Vin = 100 mVrms
Vin = 31.6 mVrms
Vin = 10 mVrms
100
10
15
5.0
– 5.0
0
– 20
5.0
0
– 5.0
–15
– 25
–15
0
10
20
10
100
1000
1000
10k
100k
1000
10k
100k
1.0
–10
– 35
– 40
Compressor
Attack Time = Time to 1.5 x V1 from input increase.
Decay Time = Time to 0.75 x V2 from input decrease.
Test per EIA-553.
Output
(Pin 2)
Input
(Pin 3)
V1
90 mV
V2
360 mV
Figure 8. Attack and Decay Times (Expander)
Attack Time = Time to 0.57 x V1 from input increase.
Decay Time = Time to 1.5 x V2 from input decrease.
Test per EIA-553.
Output
(Pin 15)
Input
(Pin 14)
V1
100 mV
V2
200 mV
Figure 7. Attack and Decay Times (Compressor)


Número de pieza similar - ML33111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111-5P LANSDALE-ML33111-5P Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111EP LANSDALE-ML33111EP Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Descripción similar - ML33111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com