Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML33111 Datasheet(PDF) 1 Page - LANSDALE Semiconductor Inc.

No. de pieza ML33111
Descripción Electrónicos  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111 Datasheet(HTML) 1 Page - LANSDALE Semiconductor Inc.

  ML33111 Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
www.lansdale.com
Page 1 of 12
Issue A
ML33111
Low Voltage Compander
Silicon Monolithic Integrated Circuit
Legacy Device: Motorola MC33111
The ML33111 contains two variable gain circuits configured for compress-
ing and expanding the dynamic range of an audio signal. One circuit is config-
ured as an expander, and the other is configured as a compressor. Each circuit
has a full wave rectifier to provide average value information to a variable gain
cell located in either the input stage or the feedback path. An internal tempera-
ture stable bandgap reference provides the necessary precision voltages.
Included in the ML33111 are controls for muting each section independ-
ently, and for pass through of both. Two uncommitted op amps are available
for peripheral functions.
The ML33111 will operate from a supply voltage of 3.0 V to 7.0 V, and
over a temperature range of TA –40° to +85°C. It is designed to accommodate
a 60 dB dynamic range; from –40 dB to +20 dB referenced to 100 mVrms.
Applications include cordless telephone, CBs, walkie-talkies, and most
voice RF links, and any application where an improvement in the signal to
noise ratio is desired. Other applications include speakerphones and voice
activated intercoms, dictating machines, etc.
• Operating Supply Voltage: 3.0 V to 7.0 V
• Output Voltage Swing = 2.8 Vp-p with VCC = 3.0 V
• No Precision External Components Required
• 60 dB Dynamic Range Compressed to 30 dB, Re-expandable to 60 dB
• Unity Gain Level set at 100 mVrms
• Attack and Decay Times Adjustable
• Mute and passthrough Controls
• Two Uncommitted Op Amps
• Temperature Compensated Reference
• Available in Standard DIP and Surface Mount Packages
Simplified Block Diagram
ML33111
PT
CM
EM
VCC
Compressor
Output
Expander
Output
16
1
2
15
Mute/
Passthrough
Logic
Bias &
Reference
Generator
Vb
15 k
Rectifier
7.5 k
40 k
40 k
Vb
10 k
∆ Gain
Rectifier
6
7
Vb
Vb
Microphone
V+
1.0 µF
1.0 µF
0.5
9
10
5
3
11
14
0.5
Compressor
Input
Expander
Input
∆ Gain
8
4
12
20 k
P DIP 16 = EP
PLASTIC PACKAGE
CASE 648
16
1
SO 16 = -5P
PLASTIC PACKAGE
CASE 751B
(SO-16)
16
1
CROSS REFERENCE/ORDERING INFORMATION
MOTOROLA
P DIP 16
MC33111P
ML33111EP
SO 16
MC33111D
ML33111-5P
LANSDALE
PACKAGE
Note: Lansdale lead free (Pb) product, as it
becomes available, will be identified by a part
number prefix change from
ML to MLE.
CM
PT
Function
TRUTH TABLE
0
1
X
0
Normal
Comp. Mute
Expander Mute
Passthrough
EM
0
X
1
0
0
X
X
1


Número de pieza similar - ML33111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111-5P LANSDALE-ML33111-5P Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
ML33111EP LANSDALE-ML33111EP Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Descripción similar - ML33111

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com