Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML3356RP Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

No. de pieza ML3356RP
Descripción Electrónicos  Wideband FSK Receiver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML3356RP Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

  ML3356RP Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML3356RP Datasheet HTML 9Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
www.lansdale.com
Page 9 of 9
Issue A
LANSDALE Semiconductor, Inc.
ML3356
P DIP 20 = RP
PLASTIC PACKAGE
(ML3356RP)
CASE 738–03
SO 20 = -6P
PLASTIC PACKAGE
(ML3356-6P)
CASE 751D–03
(SO–20L)
OUTLINE DIMENSIONS
0.050 BSC
0.100 BSC
0.300 BSC
1.27 BSC
2.54 BSC
7.62 BSC
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
25.66
6.10
3.81
0.39
1.27
0.21
2.80
0.51
27.17
6.60
4.57
0.55
1.77
0.38
3.55
15°
1.01
1.010
0.240
0.150
0.015
0.050
0.008
0.110
0.020
1.070
0.260
0.180
0.022
0.070
0.015
0.140
15°
0.040
A
B
C
D
E
F
G
J
K
L
M
N
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION “L” TO CENTER OF LEAD WHEN
FORMED PARALLEL.
4. DIMENSION “B” DOES NOT INCLUDE MOLD
FLASH.
5. 738–02 OBSOLETE, NEW STANDARD 738–03.
–A
C
K
N
E
GF
D 20 PL
J 20 PL
L
M
–T–
SEATING
PLANE
1
10
11
20
0.25 (0.010)
T A
M
M
0.25 (0.010)
T B
M
M
B
MIN
MIN
MAX
MAX
MILLIMETERS
INCHES
DIM
A
B
C
D
F
G
J
K
M
P
R
0.510
0.299
0.104
0.019
0.035
0.012
0.009
0.415
0.029
0.499
0.292
0.093
0.014
0.020
0.010
0.004
0.395
0.010
12.95
7.60
2.65
0.49
0.90
0.32
0.25
10.55
0.75
12.65
7.40
2.35
0.35
0.50
0.25
0.10
10.05
0.25
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION A AND B DO NOT INCLUDE MOLD
PROTRUSION.
4. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER
SIDE.
5. 751D–01, AND –02 OBSOLETE, NEW STANDARD
751D–03.
1.27 BSC
0.050 BSC
–A
–B
P
10 PL
1
10
11
20
G
–T–
D 20 PL
K
C
SEATING
PLANE
R X 45°
M
F
J
0.25 (0.010)
B
M
M
0.25 (0.010)
T B
A
M
S
S
Lansdale Semiconductor reserves the right to make changes without further notice to any products herein to improve reliabili-
ty, function or design. Lansdale does not assume any liability arising out of the application or use of any product or circuit
described herein; neither does it convey any license under its patent rights nor the rights of others. “Typical” parameters which
may be provided in Lansdale data sheets and/or specifications can vary in different applications, and actual performance may
vary over time. All operating parameters, including “Typicals” must be validated for each customer application by the customer’s
technical experts. Lansdale Semiconductor is a registered trademark of Lansdale Semiconductor, Inc.


Número de pieza similar - ML3356RP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML3356RP LANSDALE-ML3356RP Datasheet
973Kb / 9P
   Wideband FSK Receiver
More results

Descripción similar - ML3356RP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
LA7775M SANYO-LA7775M Datasheet
74Kb / 5P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML3356 LANSDALE-ML3356 Datasheet
973Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC3356 MOTOROLA-MC3356_1 Datasheet
211Kb / 8P
   Wideband FSK Receiver
logo
LANSDALE Semiconductor ...
ML13055 LANSDALE-ML13055 Datasheet
313Kb / 9P
   Wideband FSK Receiver
ML13055 LANSDALE-ML13055_08 Datasheet
243Kb / 9P
   Wideband FSK Receiver
logo
Motorola, Inc
MC13055 MOTOROLA-MC13055 Datasheet
207Kb / 8P
   WIDEBAND FSK RECEIVER
logo
Samsung semiconductor
S1T8531 SAMSUNG-S1T8531 Datasheet
157Kb / 10P
   WIDEBAND FM/FSK IF RECEIVER
logo
List of Unclassifed Man...
RRF1-XXX-Y ETC2-RRF1-XXX-Y Datasheet
25Kb / 2P
   FSK Superhet Receiver
logo
HOPE Microelectronics C...
RFM218BW HOPE-RFM218BW Datasheet
395Kb / 4P
   FSK Receiver Module
logo
Melexis Microelectronic...
MLX71121 MELEXIS-MLX71121_15 Datasheet
356Kb / 29P
   FSK/OOK Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com