Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML145051 Datasheet(PDF) 6 Page - LANSDALE Semiconductor Inc.

No. de pieza ML145051
Descripción Electrónicos  10-Bit A/D Converter with Serial Interface
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145051 Datasheet(HTML) 6 Page - LANSDALE Semiconductor Inc.

Back Button ML145051 Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML145051 Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML145051 Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML145051 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145051 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145051 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145051 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145051 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145051 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
www.lansdale.com
Page 6 of 15
LANSDALE Semiconductor, Inc.
ML145050, ML145051
PIN DESCRIPTIONS
DIGITAL INPUTS AND OUTPUT
The various serial bit-stream formats for the ML145050/51
are illustrated in the timing diagrams of Figures 9 through 14.
Table 1 assists in selection of the appropriate diagram. Note
that the ADCs accept 16 clocks which makes them SPI (Serial
Peripheral Interface) compatible.
CS
Active-Low Chip Select Input (Pin 15)
Chip select initializes the chip to perform conversions and
provides 3-state control of the data output pin (Dout). While
inactive high, CS forces Dout to the high-impedance state and
disables the data input (Din) and serial clock (SCLK) pins. A
high-to-low transition on CS resets the serial dataport and syn-
chronizes it to the MPU data stream. CS can remain active
during the conversion cycle and can stay in the active low state
for multiple serial transfers or CS can be in active high after
each transfer. If CS is kept active low between transfers, the
length of each transfer is limited to either 10 or 16 SCLK
cycles. If CS is in the inactive high state between transfers,
each transfer can be anywhere from 10 to16 SCLK cycles
long. See the SCLK pin description for a more detailed discus-
sion of these requirements.
On the ML145050/51 spurious chip selects caused by system
noise are minimized by the internal circuitry.
Any transitions on the ML145050 CS pin are recognized as
valid only if the level is maintained for a setup time plus two
falling edges of ADCLK after the transition.
Transitions on the ML145051 CS pin are recognized as valid
only if the level is maintained for about 2 ms after the transition.
NOTE
If CS is inactive high after the 10th SCLK cycle-
and then goes active low before the A/D conversion
is complete, the conversion is aborted and the chip
enters the initial state, ready for another serial trans-
fer/conversion sequence. At this point, the output
data register contains the result from the conversion
before the aborted conversion. Note that the last
step of the A/D conversion sequence is to update the
output data register with the result. Therefore, if CS
goes active low in an attempt to abort the conver-
sion too close to the end of the conversion
sequence, the result register may be corrupted and
the chip could be thrown out of sync with the
processor until CS is toggled again (refer to the AC
Electrical Characteristics in the spec tables).
Dout
Serial Data Output of the A/D Conversion Result(Pin 16)
This output is in the high-impedance state when CS is in
active high. When the chip recognizes a valid active low on
CS, Dout is taken out of the high-impedance state and is driv-
en with the MSB of the previous conversion result. (For the-
first transfer after power-up, data on Dout is undefined for the
entire transfer.) The value on Dout changes to the second most
significant result bit upon the first falling edge of SCLK. The
remaining result bits are shifted out in order, with the LSB
appearing on Dout upon the ninth falling edge of SCLK. Note
that the order of the transfer is MSB to LSB. Upon the 10th
falling edge of SCLK, Dout is immediately driven low (if
allowed by CS) so that transfers of more than 10 SCLKs read
zeroes as the unused LSBs.
When CS is held active low between transfers, Dout is driv-
en from a low level to the MSB of the conversion result for
three cases: Case 1 – upon the 16th SCLK falling edge if the
transfer is longer than the conversion time (Figure 14); Case 2
– upon completion of a conversion for a 16-bit transfer interval
shorter than the conversion (Figure 12); Case 3– upon comple-
tion of a conversion for a 10-bit transfer (Figure 10).
Din
Serial Data Input (Pin 17)
The four-bit serial input stream begins with the MSB of the
analog mux address (or the user test mode) that is to be con-
verted next. The address is shifted in on the first four rising
edges of SCLK. After the four mux address bits have been
received, the data on Din is ignored for the remainder of the
present serial transfer. See Table 2 in Applications Information.
SCLK
Serial Data Clock (Pin 18)
This clock input drives the internal I/O state machine to per-
form three major functions: (1) drives the data shift registers to
simultaneously shift in the next mux address from the Din pin
and shift out the previous conversion result on the Dout pin,
(2) begins sampling the analog voltage onto the RCDAC as
soon as the new mux address is available, and (3) transfers
control to the A/D conversion state machine (driven by
ADCLK) after the last bit of the previous conversion result has
been shifted out on the Dout pin.
The serial data shift registers are completely static, allowing
SCLK rates down to the DC. There are some cases, however,
that require a minimum SCLK frequency as discussed later in
this section. SCLK need not be synchronous to ADCLK. At
least ten SCLK cycles are required for each simultaneous data
transfer. If the 16-bit format is used, SCLK can be one contin-
uous 16-bit stream or two intermittent 8-bit streams. After the
serial port has been initiated to perform a serial transfer*, the
new mux address is shifted in on the first
*The serial port can be initiated in three ways: (1) a recog-
nized CS falling edge, (2) the end of an A/D conversion if the
port is perform-ing either a 10-bit or a 16-bit “shorter-than-
conversion” transfer with CS active low between transfers,
and (3) the 16th falling edge of SCLK if the port is perform-
ing 16-bit “longer-than-conversion” transfers with CS active
low between transfers.
Table 1. Timing Diagram Selection
No. of Clocks in
Serial Transfer
Using
CS
Serial Transfer
Interval
Figure
No.
10
Yes
Don't Care
9
10
No
Don't Care
10
11 to 16
Yes
Shorter than Conversion
11
16
No
Shorter than Conversion
12
11 to 16
Yes
Longer than Conversion
13
16
No
Longer than Conversion
14
Issue B


Número de pieza similar - ML145051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML145051 LANSDALE-ML145051 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
ML145051-6P LANSDALE-ML145051-6P Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
ML145051RP LANSDALE-ML145051RP Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
More results

Descripción similar - ML145051

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053_08 Datasheet
213Kb / 15P
   10-Bit A/D Converter With Serial Interface
logo
Motorola, Inc
MC145050 MOTOROLA-MC145050 Datasheet
184Kb / 15P
   10-Bit A/D Converter with Serial Interface
logo
LANSDALE Semiconductor ...
ML145053 LANSDALE-ML145053 Datasheet
805Kb / 15P
   10-Bit A/D Converter With Serial Interface CMOS
ML145050 LANSDALE-ML145050 Datasheet
6Mb / 15P
   10-Bit A/D Converter with Serial Interface - CMOS
logo
Microchip Technology
MCP3001 MICROCHIP-MCP3001_07 Datasheet
453Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2007
MCP3001 MICROCHIP-MCP3001 Datasheet
597Kb / 28P
   2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE
2001
logo
Motorola, Inc
MC145053 MOTOROLA-MC145053 Datasheet
169Kb / 15P
   10-Bit A/D Concerter with Serial Interface
logo
Texas Instruments
UCC5950D TI-UCC5950D Datasheet
171Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
UCC5950 TI-UCC5950 Datasheet
206Kb / 5P
[Old version datasheet]   10-Bit Serial D/A Converter
logo
Microchip Technology
MCP3002 MICROCHIP-MCP3002_08 Datasheet
585Kb / 34P
   2.7V Dual Channel 10-Bit A/D Converter with SPI Serial Interface
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com