Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML33111-5P Datasheet(PDF) 3 Page - LANSDALE Semiconductor Inc.

No. de pieza ML33111-5P
Descripción Electrónicos  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111-5P Datasheet(HTML) 3 Page - LANSDALE Semiconductor Inc.

  ML33111-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.lansdale.com
Page 3 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
RECOMMENDED OPERATING CONDITIONS
Characteristic
Symbol
Min
Typ
Max
Unit
VCC Supply Voltage
VCC
3.0
7.0
Vdc
Input Signal Voltage Range (3.0 V < VCC < 7.0 V)
Vin
Compressor — Normal and Mute Mode
0
1.3
Vrms
— Passthrough Mode
0
0.8
Expander
— Normal Mode
0
0.32
— Mute Mode
0
1.3
— Passthrough Mode
0
1.0
Frequency Range (± 1.0 dB accuracy)
Fin
0.300
10
kHz
Logic Input Voltage Range (Pins 4, 8, 12)
Vin
0
VCC
Vdc
Operating Ambient Temperature
TA
– 40
+ 85
°C
NOTE: All limits are not necessarily functional concurrently.
ELECTRICAL CHARACTERISTICS (VCC = 3.6 V, f = 1.0 kHz, TA = + 25°C, unless noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
COMPRESSOR (Pin 4 = Low unless noted)
0 dB Gain (Vin = 100 mVrms)
GOC
–1.5
0
1.5
dB
Gain tracking relative to GOC
GTC
dB
Vin = 1.0 Vrms
9.0
10
11
Vin = 1.0 mVrms
– 21
– 20
–19
Passthrough Gain (Pin 8 = High, Pin 4 = Low, Vin = 1.0 Vrms)
GPTC
– 2.0
0
1.0
dB
Muting (∆ Gain) with Pin 4 = High (Vin = 1.0 Vrms)
GMTC
55
67
dB
Max. Output Swing @ Pin 2 (3.0 V < VCC < 7.0 V)
Vout
Vp-p
Normal Mode
1.1
Passthrough Mode
2.3
Peak Output Current (3.0 ≤ VCC ≤ 7.0 V, Normal or Passthrough Modes,
Vin = Max)
IPK
± 4.0
mA
Total Harmonic Distortion (Vin = 100 mVrms)
THD
0.2
1.0
%
Power Supply Rejection @ 1.0 KHz
PSRR
dB
Vin (Pin 3) = 0
37
Vin (Pin 3) = 10 mVrms
64
Vin (Pin 3) = 1.0 Vrms
72
Attack Time (Capacitor @ Pin 5 = 1.0 µF, per EIA-553)
Decay Time (Capacitor @ Pin 5 = 1.0 µF, per EIA-553)
tAT(C)
tD(C)
3.0
14
ms
Input Impedance at Pin 3
Rin
8.0
10
14
kΩ
DC Bias Level (Pin 2)
Output DC Shift (Vin Changed from 0 to 100 mVrms)
VbIAS
1.4
– 20
Vb
1.6
1.6
2.0
Vdc
mVdc
EXPANDER (Pin 12 = Low, unless noted)
0 dB Gain (Vin = 100 mVrms)
GOE
–1.5
0
1.5
dB
Gain Tracking Relative to GOE
GTE
dB
Vin = 316 mVrms
19
20
21
Vin = 10 mVrms
– 41
– 40
– 39
Passthrough Gain (Pin 8 = High, Pin 12 = Low, Vin = 1.0 Vrms)
GPTE
–1.0
0
2.0
dB
Muting (∆ Gain) with Pin 12 = High (Vin = 0.316 Vrms)
GMTE
60
76
dB
Max. Output Swing @ Pin 15 (3.0 V < VCC , 7.0 V)
Vout
Vp-p
Normal Mode
2.8
Passthrough Mode
2.8
Peak Output Current
IPK
mA
VCC = 3.0 V, Vout ≤ 2.4 Vp-p
± 3.5
VCC = 3.0 V, Vout = 2.7 Vp-p
±1.0
VCC ≥ 3.6 V, Vout ≤ 2.8 Vp-p
± 4.0
Total Harmonic Distortion (Vin = 100 mVrms)
THD
0.2
1.0
%


Número de pieza similar - ML33111-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111-5P LANSDALE-ML33111-5P Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Descripción similar - ML33111-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com