Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML33111-5P Datasheet(PDF) 5 Page - LANSDALE Semiconductor Inc.

No. de pieza ML33111-5P
Descripción Electrónicos  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111-5P Datasheet(HTML) 5 Page - LANSDALE Semiconductor Inc.

  ML33111-5P Datasheet HTML 1Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 2Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 3Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.lansdale.com
Page 5 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
TEMPERATURE PERFORMANCE (Typical performance based on device characterization, not guaranteed.)
Characteristic
– 40
°C
+25
°C
+ 85
°C
Power Supply Current
@ VCC = 3.6 V
1.2 mA
1.5 mA
1.6 mA
@ VCC = 7.0 V
1.4 mA
1.7 mA
1.9 mA
Reference Voltage (Vb)
1.495 V
1.5 V
1.505 V
0 dB Gain (Vin = 100 mVrms) — Compressor
0.08 dB
0 dB
– 0.04 dB
0 dB Gain (Vin = 100 mVrms) — Expander
0.04 dB
0 dB
– 0.03 dB
Total Harmonic Distortion (Vin = 100 mVrms) — Compressor
0.3%
0.2%
0.2%
Total Harmonic Distortion (Vin = 100 mVrms) — Expander
0.3%
0.2%
0.16%
Gain Tracking Relative to 0 dB Gain — Compressor
Vin = 1.0 Vrms
10.8 dB
10 dB
10 dB
Vin = 1.0 mVrms
–19.95 dB
– 20 dB
– 20.1 dB
Gain Tracking Relative to 0 dB Gain — Expander
Vin = 316 mVrms
18.6 dB
20 dB
19.95 dB
Vin = 10 mVrms
– 40.2 dB
– 40 dB
– 39.9 dB
Muting (
∆ Gain) with Pin 4 = High (Vin = 1.0 Vrms) — Compressor
68 dB
67 dB
66 dB
Muting (
∆ Gain) with Pin 12 = High (Vin = 0.316 Vrms) — Expander
76 dB
76 dB
75 dB
Figure 1. Mute Timing
Figure 2. Passthrough Timing
Compressor
or Expander
Output
Compressor
or Expander
Mute Input
tCMHL
tEMHL
tEMLH
tCMLH
Expander
Output
Compressor
Output
Passthrough
Input


Número de pieza similar - ML33111-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111-5P LANSDALE-ML33111-5P Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Descripción similar - ML33111-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com