Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML33111-5P Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

No. de pieza ML33111-5P
Descripción Electrónicos  Low Voltage Compander Silicon Monolithic Integrated Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML33111-5P Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML33111-5P Datasheet HTML 4Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML33111-5P Datasheet HTML 12Page - LANSDALE Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.lansdale.com
Page 9 of 12
Issue A
LANSDALE Semiconductor, Inc.
ML33111
Expander
The expander is an noninverting amplifier with a fixed feed-
back resistor and a variable gain cell in its input path as shown
in Figure 16.
The input signal is sampled by the precision rectifier which,
in turn, supplies a DC signal (ICONTROL), representative of
the AC input signal, to the variable gain cell. The reference cur-
rent (IREF) is an internally generated precision current. The
effective impedance of the variable gain cell varies with the
ratio of the two currents, and decreases as ICONTROL increas-
es, thereby providing expansion. The output is related to the
input by the following equation (Vin and Vout are rms volts):
The input and output are internally biased at Vb (≈ +1.5 V), and
must therefore be capacitor coupled to external circuitry. The input
impedance at Pin 14 is nominally 10.9 kΩ (±20%), and the maxi-
mum functional input signal is listed in the Recommended
Operating Conditions table. Bias currents required by the op amp
and the variable gain cell are internally supplied. Due to clamp
diodes at the input (to VCC and ground), the input signal must be
maintained between the supply rails. If the input signal goes more
than 0.5 V above VCC or below ground, excessive currents will
flow, and distortion will show up at the output, and possibly in other
parts of the circuit.
The output of the rectifier is filtered by the capacitor at Pin 11,
which, in conjunction with an internal 20 k resistor, provides the
time constant for the attack and decay times. The attack and decay
times listed in the Electrical Characteristics were determined using
the test procedure defined in EIA-553. Figure 10 indicates how the
times vary with the capacitor value. If the attack and decay times
are decreased by using a smaller capacitor, performance at low fre-
quencies will degrade.
Op Amps
The two op amps (at Pins 6, 7, 9, and 10) are identical and
can be used for peripheral functions, such as a microphone
amplifier, buffer, filter, etc. They have an open loop gain of
≈100 dB, and a bandwidth of ≈ 300 kHz. The noninverting
inputs are internally biased at Vb (≈ +1.5 V). The inverting
inputs (Pins 7, 9) require a bias current of ≈ 8.0 nA, which
flows into the pin. The outputs can typically supply a maxi-
mum of 3.7 mA load current (see Electrical Characteristics).
NOTE: If an op amp is unused, its output MUST be tied to
its input (Pin 6 to 7 and/or 9 to 10). Leaving an input open can
affect other portions of the IC.
Logic Inputs
The three inputs (Pins 4, 8, 12) provide for muting and
passthrough functions for the compressor and expander
according to the following truth table:
The logic section permits the compressor and expander to be
muted independently. The Passthrough control affects both sec-
tions simultaneously, but only if the Mute inputs are at a logic
level 0. If both the Passthrough and a Mute input are asserted,
the Mute will override the Passthrough. The logic controls do
not affect the two uncommitted op amps in any way.
Figure 17 depicts a typical logic input stage configuration,
and Figure 14 indicates the typical input current. The inputs’
threshold is ≈ +1.3 V, independent of VCC. An open input is
equivalent to a logic low, but good design practices dictate that
inputs should never be left open. The inputs must be kept with-
in the range of VCC and GND. If an input is taken more than
0.5 V above VCC or below GND excessive currents will flow,
and the device’s operation will be distorted.
Vout = 10 x (Vin)2
(3)
In terms of dB levels, the relationship is:
Vo(dB) = 2.0 x Vi(dB)
(4)
where 0 dB = 100 mVrms (See Figures 3 and 4).
CM
(Pin 4)
EM
(Pin 12)
PT
(Pin 8)
Function
0
0
0
Normal Operation
1
X
X
Compressor Mute
X
1
X
Expander Mute
0
0
1
Passthrough
Figure 17. Logic Input Stage
50 k
50 k
VCC
Pins
4, 8, 12
40 k
Output
15
20 k
∆ Gain
Rectifier
ICONTROL
Iref
11
Vb
15 k
VCC
14
Input
1.0
µF
Figure 16. Expander


Número de pieza similar - ML33111-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111-5P LANSDALE-ML33111-5P Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
More results

Descripción similar - ML33111-5P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML33111 LANSDALE-ML33111 Datasheet
1Mb / 12P
   Low Voltage Compander Silicon Monolithic Integrated Circuit
logo
Hynix Semiconductor
GL6552 HYNIX-GL6552 Datasheet
68Kb / 6P
   Low Voltage Compander
logo
Tiger Electronic Co.,Lt...
SL5020 TGS-SL5020 Datasheet
157Kb / 7P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33111 MOTOROLA-MC33111 Datasheet
120Kb / 12P
   Low Voltage Compander
logo
Wuxi Youda electronics ...
YD5020 YOUDA-YD5020 Datasheet
101Kb / 4P
   LOW VOLTAGE COMPANDER
logo
Motorola, Inc
MC33110 MOTOROLA-MC33110 Datasheet
209Kb / 13P
   LOW VOLTAGE COMPANDER
logo
Rohm
BD3490FV ROHM-BD3490FV Datasheet
296Kb / 5P
   Silicon Monolithic Integrated Circuit
BD822EFV ROHM-BD822EFV Datasheet
131Kb / 5P
   Silicon Monolithic Integrated Circuit
BD3985FV ROHM-BD3985FV_11 Datasheet
96Kb / 5P
   Silicon Monolithic Integrated Circuit
BD6041GUL ROHM-BD6041GUL_11 Datasheet
182Kb / 5P
   Silicon Monolithic Integrated Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com