Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC145155P2 Datasheet(PDF) 10 Page - LANSDALE Semiconductor Inc.

No. de pieza MC145155P2
Descripción Electrónicos  PLL Frequency Synthesizer Family
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

MC145155P2 Datasheet(HTML) 10 Page - LANSDALE Semiconductor Inc.

Back Button MC145155P2 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. MC145155P2 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. MC145155P2 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. MC145155P2 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. MC145155P2 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. MC145155P2 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. MC145155P2 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. MC145155P2 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. MC145155P2 Datasheet HTML 14Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
www.lansdale.com
Page 10 of 35
Issue A
LANSDALE Semiconductor, Inc.
ML145155
14 x 8 ROM REFERENCE DECODER
14–BIT
÷ R COUNTER
φV
φR
14–BIT
÷ R COUNTER
LATCH
PHASE
DETECTOR
B
PHASE
DETECTOR
A
LOCK
DETECT
LD
PDout
fin
VDD
OSCin
OSCout
ENB
14
14
SW2
SW1
fR
fV
LATCH
14–BIT SHIFT REGISTER
DATA
2–BIT SHIFT
REGISTER
CLK
14
REFout
ML145155 BLOCK DIAGRAM
RA2
RA0
RA1
PIN DESCRIPTIONS
INPUT PINS
fin
Frequency Input (PDIP – Pin 9, SOG – Pin 10)
Input to the ÷ N portion of the synthesizer. fin is typically
derived from loop VCO and is AC coupled into the device. For
larger amplitude signals (standard CMOS logic levels) DC
coupling may be used.
RA0, RA1, RA2
Reference Address Inputs (PDIP – Pins 18, 1, 2; SOG –
Pins 20, 1, 2)
These three inputs establish a code defining one of eight
possible divide values for the total reference divider, as defined
by the table below:
CLK, DATA
Shift Register Clock, Serial Data Inputs
(PDIP – Pins 10, 11; SOG – Pins 11, 12)
Each low–to–high transition clocks one bit into the on–chip
16–bit shift register. The Data input provides programming
information for the 14–bit ÷ N counter and the two switch
signals SW1 and SW2. The entry format is as follows:
ENB
Latch Enable Input (PDIP – Pin 12, SOG – Pin 13)
When high (1), ENB transfers the contents of the shift reg-
ister into the latches, and to the programmable counter inputs,
and the switch outputs SW1 and SW2. When low (0), ENB
inhibits the above action and thus allows changes to be made
in the shift register data without affecting the counter program-
ming and switch outputs. An on–chip pull–up establishes a
continuously high level for ENB when no external signal is
applied. ENB is normally low and is pulsed high to transfer
data to the latches.
OSCin, OSCout
Reference Oscillator Input/Output (PDIP – Pins 17, 16;
SOG – Pins 19, 18)
These pins form an on–chip reference oscillator when con-
nected to terminals of an external parallel resonant crystal.
Frequency setting capacitors of appropriate value must be con-
nected from OSCin to ground and OSCout to ground. OSCin
may also serve as the input for an externally–generated refer-
ence signal. This signal is typically ac coupled to OSCin, but
for larger amplitude signals (standard CMOS logic levels) DC
coupling may also be used. In the external reference mode, no
connection is required to OSCout.
Reference Address Code
Total
Divide
RA2
RA1
RA0
Divide
Value
0
0
0
0
1
1
1
1
0
0
1
1
0
0
1
1
0
1
0
1
0
1
0
1
16
512
1024
2048
3668
4096
6144
8192
÷ N COUNTER BITS
LAST DATA BIT IN (BIT NO. 16)
FIRST DATA BIT IN (BIT NO. 1)


Número de pieza similar - MC145155P2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MC145155P2 MOTOROLA-MC145155P2 Datasheet
718Kb / 36P
   Parallel-Input PLL Frequency Synthesizer
More results

Descripción similar - MC145155P2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
Rev. D
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
   PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
   PLL Frequency Synthesizer
Rev. E
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
   PLL Frequency Synthesizer
logo
Analog Devices
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
   PLL Frequency Synthesizer
REV. A
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
   PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
   PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com