Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TLC081CDGN Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TLC081CDGN Datasheet(HTML) 1 Page - Texas Instruments |
1 / 52 page TLC080, TLC081, TLC082, TLC083, TLC084, TLC085, TLC08xA FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS SLOS254D − JUNE 1999 − REVISED FEBRUARY 2004 1 WWW.TI.COM D Wide Bandwidth . . . 10 MHz D High Output Drive − IOH . . . 57 mA at VDD − 1.5 V − IOL . . . 55 mA at 0.5 V D High Slew Rate − SR+ . . . 16 V/ µs − SR− . . . 19 V/ µs D Wide Supply Range . . . 4.5 V to 16 V D Supply Current . . . 1.9 mA/Channel D Ultralow Power Shutdown Mode IDD . . . 125 µA/Channel D Low Input Noise Voltage . . . 8.5 nV√Hz D Input Offset Voltage ...60 µV D Ultra-Small Packages − 8 or 10 Pin MSOP (TLC080/1/2/3) description The first members of TI’s new BiMOS general-purpose operational amplifier family are the TLC08x. The BiMOS family concept is simple: provide an upgrade path for BiFET users who are moving away from dual-supply to single-supply systems and demand higher ac and dc performance. With performance rated from 4.5 V to 16 V across commercial (0 °C to 70°C) and an extended industrial temperature range (−40°C to 125°C), BiMOS suits a wide range of audio, automotive, industrial, and instrumentation applications. Familiar features like offset nulling pins, and new features like MSOP PowerPAD packages and shutdown modes, enable higher levels of performance in a variety of applications. Developed in TI’s patented LBC3 BiCMOS process, the new BiMOS amplifiers combine a very high input impedance, low-noise CMOS front end with a high-drive bipolar output stage, thus providing the optimum performance features of both. AC performance improvements over the TL08x BiFET predecessors include a bandwidth of 10 MHz (an increase of 300%) and voltage noise of 8.5 nV/ √Hz (an improvement of 60%). DC improvements include an ensured VICR that includes ground, a factor of 4 reduction in input offset voltage down to 1.5 mV (maximum) in the standard grade, and a power supply rejection improvement of greater than 40 dB to 130 dB. Added to this list of impressive features is the ability to drive ±50-mA loads comfortably from an ultrasmall-footprint MSOP PowerPAD package, which positions the TLC08x as the ideal high-performance general-purpose operational amplifier family. FAMILY PACKAGE TABLE DEVICE NO. OF PACKAGE TYPES SHUTDOWN UNIVERSAL DEVICE NO. OF CHANNELS MSOP PDIP SOIC TSSOP SHUTDOWN UNIVERSAL EVM BOARD TLC080 1 8 8 8 — Yes TLC081 1 8 8 8 — Refer to the EVM TLC082 2 8 8 8 — — Refer to the EVM Selection Guide TLC083 2 10 14 14 — Yes Selection Guide (Lit# SLOU060) TLC084 4 — 14 14 20 — (Lit# SLOU060) TLC085 4 — 16 16 20 Yes Copyright 2000−2004 Texas Instruments Incorporated PRODUCTION DATA information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. Operational Amplifier − + PowerPAD is a trademark of Texas Instruments. |
Número de pieza similar - TLC081CDGN |
|
Descripción similar - TLC081CDGN |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |