Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2904 Datasheet(PDF) 3 Page - HTC Korea TAEJIN Technology Co.

No. de pieza LM2904
Descripción Electrónicos  The LM2904 consists of two independent
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  HTC [HTC Korea TAEJIN Technology Co.]
Página de inicio  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.

LM2904 Datasheet(HTML) 3 Page - HTC Korea TAEJIN Technology Co.

  LM2904 Datasheet HTML 1Page - HTC Korea TAEJIN Technology Co. LM2904 Datasheet HTML 2Page - HTC Korea TAEJIN Technology Co. LM2904 Datasheet HTML 3Page - HTC Korea TAEJIN Technology Co. LM2904 Datasheet HTML 4Page - HTC Korea TAEJIN Technology Co.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Dual Operational Amplifiers
LM2904
June 2012 – Rev. 1.1
- 3
-
HTC
ELECTRICAL CHARACTERISTICS (CONTINUED)
At specified free-air temperature, VCC=5V (unless otherwise noted)
PARAMETER
TEST CONDITIONS*
MIN
TYP
MAX
UNIT
Slew rate
VCC=15V, VIN=0.5 to 3V,
RL=2kΩ, CL=100pF,
unity gain
25℃
0.35
V/us
Gain bandwidth
VCC=30V, f=100kHz,
VIN=10mV, RL=2kΩ,
CL=100pF
25℃
700
kHz
Total harmonic distortion
f = 1kHz, AV = 20dB,
RL=2kΩ, VO = 2Vpp,
CL=100pF
25℃
0.04
%
Ordering Information
Package
Order No.
Description
Supply As
Status
SOP-8
LM2904D
Dual Operational Amplifier
Reel
Contact us
SOP-8
LM2904GD
Dual Operational Amplifier, Halogen-Free
Reel
Contact us
DIP-8
LM2904N
Dual Operational Amplifier
Tube
Contact us
PIN CONFIGURATION
SOP-8 & DIP-8
IN2(+)
IN1(-)
GND
OUT
IN2(-)
Vcc
OUT 1
2
3
4
8
7
6
5
IN1(+)


Número de pieza similar - LM2904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LM2904 TI-LM2904 Datasheet
4Mb / 64P
[Old version datasheet]   Industry-Standard Dual Operational Amplifiers
MARCH 2022
logo
Fairchild Semiconductor
LM2904 FAIRCHILD-LM2904 Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
Texas Instruments
LM2904 TI-LM2904 Datasheet
1Mb / 32P
[Old version datasheet]   DUAL OPERATIONAL AMPLIFIERS
logo
ARTSCHIP ELECTRONICS CO...
LM2904 ARTSCHIP-LM2904 Datasheet
252Kb / 16P
   Frequency - Compensated
logo
Texas Instruments
LM2904 TI-LM2904 Datasheet
3Mb / 41P
[Old version datasheet]   LM2904-Q1, LM2904B-Q1, and LM2904BA-Q1 Industry-Standard Dual Operational Amplifiers for Automotive Applications
APRIL 2022
More results

Descripción similar - LM2904

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Estek Electronics Co. L...
IW4013B ESTEK-IW4013B Datasheet
120Kb / 5P
   consists of two identical, independent data-type flip-flops
LM339 ESTEK-LM339 Datasheet
2Mb / 6P
   consists of four independent voltage comparators
logo
List of Unclassifed Man...
LR4558 ETC1-LR4558 Datasheet
134Kb / 7P
   The LR4558 consists of two high performance operational amplifiers
logo
Formosa MS
BAV99 FORMOSA-BAV99 Datasheet
213Kb / 2P
   The BAV99 consists of two diodes in a plastic surface mount package
BAV70 FORMOSA-BAV70 Datasheet
348Kb / 2P
   The BAV70 consists of two diodes in a plastic surface mount package
logo
Seiko Instruments Inc
EG7500B-LS SII-EG7500B-LS Datasheet
445Kb / 25P
   This specification consists of two doucuments as follows
logo
GTM CORPORATION
GBAV70 GTM-GBAV70 Datasheet
194Kb / 3P
   consists of two diodes in a plastic surface mount
GBAV99 GTM-GBAV99 Datasheet
190Kb / 2P
   consists of two diodes in a plastic surface mount
logo
Richtek Technology Corp...
RT7305 RICHTEK-RT7305 Datasheet
778Kb / 14P
   The RT7305 consists of a high voltage power MOSFET
logo
Estek Electronics Co. L...
LM393 ESTEK-LM393 Datasheet
384Kb / 4P
   two independent voltage comparators
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com