Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ISL28130CHZ Datasheet(PDF) 9 Page - Zhaoxingwei Electronics ., Ltd

No. de pieza ISL28130CHZ
Descripción Electrónicos  350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ZHAOXINGWEI [Zhaoxingwei Electronics ., Ltd]
Página de inicio  http://www.alldatasheet.com
Logo ZHAOXINGWEI - Zhaoxingwei Electronics ., Ltd

ISL28130CHZ Datasheet(HTML) 9 Page - Zhaoxingwei Electronics ., Ltd

Back Button ISL28130CHZ Datasheet HTML 3Page - Zhaoxingwei Electronics ., Ltd ISL28130CHZ Datasheet HTML 4Page - Zhaoxingwei Electronics ., Ltd ISL28130CHZ Datasheet HTML 5Page - Zhaoxingwei Electronics ., Ltd ISL28130CHZ Datasheet HTML 6Page - Zhaoxingwei Electronics ., Ltd ISL28130CHZ Datasheet HTML 7Page - Zhaoxingwei Electronics ., Ltd ISL28130CHZ Datasheet HTML 8Page - Zhaoxingwei Electronics ., Ltd ISL28130CHZ Datasheet HTML 9Page - Zhaoxingwei Electronics ., Ltd ISL28130CHZ Datasheet HTML 10Page - Zhaoxingwei Electronics ., Ltd ISL28130CHZ Datasheet HTML 11Page - Zhaoxingwei Electronics ., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
6.3 Typical characteristics
At TA=+25°C, RL=10 kΩ connected to VS/2 and VOUT= VS/2, unless otherwise noted.
Small Signal Step Response
G=+1V/V,RL=10kΩ,CL=0pF
4μs/div
Large Signal Step Response
G=+1V/V,RL=100kΩ,CL=100pF
100μs/div
Positive Over-Voltage Recovery
40μs/div
Negative Over-Voltage Recovery
40μs/div
SMD Type
OIC


Número de pieza similar - ISL28130CHZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Intersil Corporation
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
903Kb / 17P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
ISL28130CHZ-T7 INTERSIL-ISL28130CHZ-T7 Datasheet
864Kb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
February 13, 2014
logo
Renesas Technology Corp
ISL28130CHZ-T7 RENESAS-ISL28130CHZ-T7 Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
logo
Intersil Corporation
ISL28130CHZ-T7A INTERSIL-ISL28130CHZ-T7A Datasheet
1Mb / 19P
   Single, Dual, and Quad Micropower, Low Drift, RRIO Operational Amplifiers
More results

Descripción similar - ISL28130CHZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
   350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
   1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5732 E-CMOS-EC5732 Datasheet
856Kb / 13P
   350kHz, Low Power ,Zero-Drift, CMOS, Dual Rail-to-Rail Operational Amplifier with RF Filter
logo
Micrel Semiconductor
MIC864 MICREL-MIC864_12 Datasheet
442Kb / 9P
   Dual 350kHz Rail-to-Rail Operational Amplifier
MIC864 MICREL-MIC864_14 Datasheet
534Kb / 11P
   Dual 350kHz Rail-to-Rail Operational Amplifier
logo
Analog Devices
AD8629S AD-AD8629S_17 Datasheet
151Kb / 9P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
AD8628ART AD-AD8628ART Datasheet
449Kb / 24P
   Zero-Drift, Single-Supply, Rail-to-Rail Input/Output Operational Amplifier
Rev. I
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317-Q1 TI1-OPA317-Q1 Datasheet
994Kb / 29P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
logo
Analog Devices
AD8629S AD-AD8629S Datasheet
138Kb / 8P
   Zero-Drift, Single-Supply Rail-to-Rail Input/Output Operational Amplifier
Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com