Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADC08DJ3200AAV Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No. de pieza ADC08DJ3200AAV
Descripción Electrónicos  6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 8-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
Download  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08DJ3200AAV Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADC08DJ3200AAV Datasheet HTML 6Page - Texas Instruments ADC08DJ3200AAV Datasheet HTML 7Page - Texas Instruments ADC08DJ3200AAV Datasheet HTML 8Page - Texas Instruments ADC08DJ3200AAV Datasheet HTML 9Page - Texas Instruments ADC08DJ3200AAV Datasheet HTML 10Page - Texas Instruments ADC08DJ3200AAV Datasheet HTML 11Page - Texas Instruments ADC08DJ3200AAV Datasheet HTML 12Page - Texas Instruments ADC08DJ3200AAV Datasheet HTML 13Page - Texas Instruments ADC08DJ3200AAV Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 127 page
background image
10
ADC08DJ3200
SLVSDR1 – FEBRUARY 2018
www.ti.com
Product Folder Links: ADC08DJ3200
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Measured to AGND.
(3)
Measured to DGND.
6 Specifications
6.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1)
MIN
MAX
UNIT
Supply voltage range
VA19(2)
–0.3
2.35
V
VA11(2)
–0.3
1.32
VD11(3)
–0.3
1.32
Voltage between VD11 and VA11
–1.32
1.32
Voltage between AGND and DGND
–0.1
0.1
V
Pin voltage range
DA[7:0]+, DA[7:0]–, DB[7:0]+, DB[7:0]–,
TMSTP+, TMSTP–(3)
–0.5
min(1.32,
VD11+0.5)
V
CLK+, CLK–, SYSREF+, SYSREF–(2)
–0.5
min(1.32,
VA11+0.5)
BG, TDIODE+, TDIODE–(2)
–0.5
min(2.35,
VA19+0.5)
INA+, INA–, INB+, INB–(2)
–1
1
CALSTAT, CALTRIG, NCOA0, NCOA1,
NCOB0, NCOB1, ORA0, ORA1, ORB0,
ORB1, PD, SCLK, SCS, SDI, SDO,
SYNCSE(2)
–0.5
VA19+0.5
Peak input current (any input except INA+, INA–, INB+, INB–)
–25
25
mA
Peak input current (INA+, INA–, INB+, INB–)
–50
50
mA
Peak RF input power (INA+, INA–, INB+, INB–)
Single-ended with ZS-SE = 50 Ω or differential
with ZS-DIFF = 100 Ω
16.4
dBm
Peak total input current (sum of absolute value of all currents forced in or out, not including
power-supply current)
100
mA
Operating free-air temperature, TA
–40
85
°C
Operating junction temperature, TJ
150
°C
Storage temperature, Tstg
–65
150
°C
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
6.2 ESD Ratings
VALUE
UNIT
V(ESD)
Electrostatic discharge
Human-body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±2500
V
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000


Número de pieza similar - ADC08DJ3200AAV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC08DJ3200 TI-ADC08DJ3200 Datasheet
5Mb / 199P
[Old version datasheet]   ADC12DJ4000RF 8-GSPS Single-Channel or 4-GSPS Dual-Channel, 12-bit, RFSampling Analog-to-Digital Converter (ADC)
More results

Descripción similar - ADC08DJ3200AAV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200_V01 Datasheet
3Mb / 155P
[Old version datasheet]   ADC12DJ3200 6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI-ADC12DJ3200QML-SP_V02 Datasheet
2Mb / 153P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP_V01 Datasheet
1Mb / 149P
[Old version datasheet]   ADC12DJ3200QML-SP 6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200 Datasheet
1Mb / 122P
[Old version datasheet]   6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ5200RF TI1-ADC12DJ5200RF Datasheet
1Mb / 144P
[Old version datasheet]   10.4-GSPS Single-Channel or 5.2-GSPS Dual-Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DL3200 TI1-ADC12DL3200_V01 Datasheet
2Mb / 142P
[Old version datasheet]   ADC12DL3200 6.4-GSPS Single-Channel or 3.2-GSPS Dual-Channel, 12-Bit Analog-to-Digital Converter (ADC) With LVDS Interface
ADC12DJ2700 TI1-ADC12DJ2700 Datasheet
2Mb / 146P
[Old version datasheet]   5.4-GSPS Single-Channel or 2.7-GSPS Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com