Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SN74AUP1G79YZPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza SN74AUP1G79YZPR
Descripción Electrónicos  LOW POWER SINGLE POSITIVE EDGE TRIGGERRED D TYPE FLIP FLOP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G79YZPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74AUP1G79YZPR Datasheet HTML 3Page - Texas Instruments SN74AUP1G79YZPR Datasheet HTML 4Page - Texas Instruments SN74AUP1G79YZPR Datasheet HTML 5Page - Texas Instruments SN74AUP1G79YZPR Datasheet HTML 6Page - Texas Instruments SN74AUP1G79YZPR Datasheet HTML 7Page - Texas Instruments SN74AUP1G79YZPR Datasheet HTML 8Page - Texas Instruments SN74AUP1G79YZPR Datasheet HTML 9Page - Texas Instruments SN74AUP1G79YZPR Datasheet HTML 10Page - Texas Instruments SN74AUP1G79YZPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN74AUP1G79
LOW POWER SINGLE POSITIVEEDGETRIGGERED DTYPE FLIPFLOP
SCES592A − JULY 2004 − REVISED SEPTEMBER 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, CL = 5 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
93
90
1.2 V
± 0.1 V
199
220
fmax
1.5 V
± 0.1 V
250
230
MHz
fmax
1.8 V
± 0.15 V
271
240
MHz
2.5 V
± 0.2 V
280
250
3.3 V
± 0.3 V
280
260
0.8 V
15.9
1.2 V
± 0.1 V
3.7
6.9
11
2.6
13.1
tpd
CLK
Q
1.5 V
± 0.1 V
3
4.8
7.6
2
8.8
ns
tpd
CLK
Q
1.8 V
± 0.15 V
2.4
3.8
6.1
1.5
7.1
ns
2.5 V
± 0.2 V
1.8
2.7
4.4
1.1
5
3.3 V
± 0.3 V
1.5
2.1
3.6
0.9
4
switching characteristics over recommended operating free-air temperature range, CL = 10 pF
(unless otherwise noted) (see Figures 3 and 4)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC
TA = 25°C
TA = −40°C
TO 85
°C
UNIT
PARAMETER
(INPUT)
(OUTPUT)
VCC
MIN
TYP
MAX
MIN
MAX
UNIT
0.8 V
62
50
1.2 V
± 0.1 V
147
160
fmax
1.5 V
± 0.1 V
189
200
MHz
fmax
1.8 V
± 0.15 V
180
240
MHz
2.5 V
± 0.2 V
260
250
3.3 V
± 0.3 V
280
260
0.8 V
18
1.2 V
± 0.1 V
4.3
7.8
12.3
3.2
14.4
tpd
CLK
Q
1.5 V
± 0.1 V
3.5
5.5
8.4
2.5
9.8
ns
tpd
CLK
Q
1.8 V
± 0.15 V
2.8
4.4
6.8
1.9
8
ns
2.5 V
± 0.2 V
2.2
3.2
5
1.5
5.7
3.3 V
± 0.3 V
1.8
2.6
4.1
1.3
4.5


Número de pieza similar - SN74AUP1G79YZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G79YZPR TI-SN74AUP1G79YZPR Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79YZPR TI-SN74AUP1G79YZPR Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79YZPR TI1-SN74AUP1G79YZPR Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79YZPR TI1-SN74AUP1G79YZPR Datasheet
1Mb / 45P
[Old version datasheet]   SN74AUP1G79 Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
More results

Descripción similar - SN74AUP1G79YZPR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
SN74AUP1G80 TI-SN74AUP1G80_08 Datasheet
501Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI-SN74AUP1G80 Datasheet
375Kb / 14P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_16 Datasheet
1Mb / 25P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G80 TI1-SN74AUP1G80_17 Datasheet
1Mb / 38P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80 TI-SN74AUP1G80_10 Datasheet
924Kb / 26P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G79 TI-SN74AUP1G79_10 Datasheet
985Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUP1G74 TI1-SN74AUP1G74_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79 TI1-SN74AUP1G79_15 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G80_017 TI1-SN74AUP1G80_017 Datasheet
1Mb / 41P
[Old version datasheet]   Low-Power Single Positive-Edge-Triggered D-Type Flip-Flop
SN74AUP1G79_101 TI-SN74AUP1G79_101 Datasheet
986Kb / 24P
[Old version datasheet]   LOW-POWER SINGLE POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com