Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TA20121603DH Datasheet(PDF) 2 Page - Powerex Power Semiconductors

No. de pieza TA20121603DH
Descripción Electrónicos  Phase Control SCR 1600 Amperes Average 2400 Volts
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  POWEREX [Powerex Power Semiconductors]
Página de inicio  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

TA20121603DH Datasheet(HTML) 2 Page - Powerex Power Semiconductors

  TA20121603DH Datasheet HTML 1Page - Powerex Power Semiconductors TA20121603DH Datasheet HTML 2Page - Powerex Power Semiconductors TA20121603DH Datasheet HTML 3Page - Powerex Power Semiconductors TA20121603DH Datasheet HTML 4Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Powerex, Inc., 173 Pavilion Lane, Youngwood, Pennsylvania 15697 (724) 925-7272
Phase Control SCR
www.pwrx.com
1600 Amperes Average
2400 Volts
Revision Date: 07/30/2013
TA20
1600A
Absolute Maximum Ratings
Characteristics
Symbol
Units
Non-Repetitive Transient Peak Reverse Blocking Voltage
VRSM
VRRM + 100V
Volts
RMS On-State Current, TC = 80°C
IT(RMS)
2500
Amperes
Average Current 180° Sine Wave, TC = 80°C
IT(AV)
1600
Amperes
RMS On-State Current, TC = 55°C
IT(RMS)
3390
Amperes
Average Current 180° Sine Wave, TC = 55°C
IT(AV)
2160
Amperes
Peak One Cycle Surge On-State Current (Non-Repetitive) 60 Hz
ITSM
29,500
Amperes
Peak One Cycle Surge On-State Current (Non-Repetitive) 50 Hz
ITSM
26,900
Amperes
Critical Rate-of-rise of On-State Current (Non-Repetitive)
di/dt
400
A/μsec
Critical Rate-of-rise of On-State Current (Repetitive)
di/dt
150
A/μsec
I2t (for Fusing) for One Cycle, 60 Hz
I2t
3.63 x 106
A2 sec
Peak Gate Power Dissipation
PGM
16
Watts
Average Gate Power Dissipation
PG(av)
3
Watts
Operating Temperature
TJ
-40 to +125
°C
Storage Temperature
Tstg
-40 to +150
°C
Approximate Weight
2.1
lb.
950
g
Mounting Force
9000 to 11000
lb.
4100 to 5000
kg.
Information presented is based upon manufacturers testing and projected capabilities.
This information is subject to change without notice.
The manufacturer makes no claim as to the suitability of use, reliability, capability,
or future availability of this product.
POWEREX, Inc. 173 Pavilion Ln Youngwood, PA USA 724-925-7272 www.pwrx.com


Número de pieza similar - TA20121603DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
TA201216 POWEREX-TA201216 Datasheet
200Kb / 4P
   Phase Control SCR (1600-1800 Amperes Avg 100-2200 Volts)
More results

Descripción similar - TA20121603DH

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Powerex Power Semicondu...
T9G01200A POWEREX-T9G01200A Datasheet
487Kb / 4P
   Phase Control SCR (1200 Amperes Average 2400 Volts)
C390 POWEREX-C390 Datasheet
919Kb / 6P
   Phase Control SCR 450 Amperes Average 2400 Volts
logo
Power Analog Micoelectr...
T820750A PAM-T820750A_09 Datasheet
168Kb / 4P
   Phase Control SCR 750 Amperes Average 2400 Volts
logo
Powerex Power Semicondu...
C451 POWEREX-C451 Datasheet
498Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
C451PM POWEREX-C451PM Datasheet
514Kb / 4P
   Phase Control SCR 1500 Amperes Average 2400 Volts
C391 POWEREX-C391 Datasheet
817Kb / 4P
   Phase Control SCR 490 Amperes Average 2400 Volts
C441PD POWEREX-C441PD Datasheet
648Kb / 4P
   Phase Control SCR 750 Amperes Average 2400 Volts
T820750A POWEREX-T820750A Datasheet
637Kb / 4P
   Phase Control SCR (750 Amperes Average 2400 Volts)
T9G01000A POWEREX-T9G01000A Datasheet
491Kb / 4P
   Phase Control SCR (1000 Amperes Average 2400 Volts)
C180B POWEREX-C180B Datasheet
854Kb / 4P
   Phase Control SCR 150 Amperes Average 1600 Volts
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com