Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML145564 Datasheet(PDF) 9 Page - LANSDALE Semiconductor Inc.

No. de pieza ML145564
Descripción Electrónicos  PCM Codec-Filter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LANSDALE [LANSDALE Semiconductor Inc.]
Página de inicio  http://www.lansdale.com
Logo LANSDALE - LANSDALE Semiconductor Inc.

ML145564 Datasheet(HTML) 9 Page - LANSDALE Semiconductor Inc.

Back Button ML145564 Datasheet HTML 5Page - LANSDALE Semiconductor Inc. ML145564 Datasheet HTML 6Page - LANSDALE Semiconductor Inc. ML145564 Datasheet HTML 7Page - LANSDALE Semiconductor Inc. ML145564 Datasheet HTML 8Page - LANSDALE Semiconductor Inc. ML145564 Datasheet HTML 9Page - LANSDALE Semiconductor Inc. ML145564 Datasheet HTML 10Page - LANSDALE Semiconductor Inc. ML145564 Datasheet HTML 11Page - LANSDALE Semiconductor Inc. ML145564 Datasheet HTML 12Page - LANSDALE Semiconductor Inc. ML145564 Datasheet HTML 13Page - LANSDALE Semiconductor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
LANSDALE Semiconductor, Inc.
ML145554, ML145557, ML145564, ML145567
DIGITAL SWITCHING CHARACTERISTICS
(VCC = 5 V 5%, VBB = – 5 V 5%, GNDA = 0 V, All Signals Referenced to GNDA; TA = – 40 to + 85°C, Cload = 150 pF Unless Otherwise
Noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Master Clock Frequency
MCLKX or MCLKR
fM
1.536
1.544
2.048
MHz
Minimum Pulse Width High or Low
MCLKX or MCLKR
tw(M)
100
ns
Minimum Pulse Width High or Low
BCLKX or BCLKR
tw(B)
50
ns
Minimum Pulse WIdth Low
FSX or FSR
tw(FL)
50
ns
Rise Time for all Digital Signals
tr
50
ns
Fall Time for all Digital Signals
tf
50
ns
Bit Clock Data Rate
BCLKX or BCLKR
fB
128
4096
kHz
Setup Time from BCLKX Low to MCLKR High
tsu(BRM)
50
ns
Setup Time from MCLKX High to BCLKX Low
tsu(MFB)
20
ns
Hold Time from BCLKX (BCLKR) Low to FSX (FSR) High
th(BF)
20
ns
Setup Time for FSX (FSR) High to BCLKX (BCLKR) Low for Long Frame
tsu(FB)
80
ns
Delay Time from BCLKX High to DX Data Valid
td(BD)
20
60
140
ns
Delay Time from BCLKX High to TSX Low
td(BTS)
20
50
140
ns
Delay Time from the 8th BCLKX Low of FSX Low to DX Output Disabled
td(ZC)
50
70
140
ns
Delay Time to Valid Data from FSX or BCLKX, Whichever is Later
td(ZF)
20
60
140
ns
Setup Time from DR Valid to BCLKX Low
tsu(DB)
0
ns
Hold Time from BCLKR Low to DR Invalid
th(BD)
50
ns
Setup Time from FSX (FSR) High to BCLKX (BCLKR) Low in Short Frame
tsu(F)
50
ns
Hold Time from BCLKX (BCLKR) Low to FSX (FSR) Low in Short Frame
th(F)
50
ns
Hold Time from 2nd Period of BCLKX (BCLKR) Low to FSX (FSR) Low in
Long Frame
th(BFI)
50
ns
www.lansdale.com
Page 9 of 18
Issue A


Número de pieza similar - ML145564

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
LANSDALE Semiconductor ...
ML145564 LANSDALE-ML145564 Datasheet
1Mb / 18P
   PCM Codec-Filter
ML145564-6P LANSDALE-ML145564-6P Datasheet
1Mb / 18P
   PCM Codec-Filter
ML145564RP LANSDALE-ML145564RP Datasheet
1Mb / 18P
   PCM Codec-Filter
More results

Descripción similar - ML145564

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KODENSHI_AUK CORP.
KK145567 KODENSHI-KK145567 Datasheet
373Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145554 MOTOROLA-MC145554 Datasheet
342Kb / 20P
   PCM Codec-Filter
logo
LANSDALE Semiconductor ...
ML145554 LANSDALE-ML145554 Datasheet
1Mb / 18P
   PCM Codec-Filter
logo
Integral Corp.
IL145567 INTEGRAL-IL145567 Datasheet
355Kb / 10P
   PCM CODEC - FILTER
logo
Motorola, Inc
MC145484 MOTOROLA-MC145484 Datasheet
293Kb / 26P
   5V PCM CODEC-FILTER
MC145480 MOTOROLA-MC145480 Datasheet
418Kb / 24P
   5V PCM CODEC-FILTER
logo
National Semiconductor ...
TP3094 NSC-TP3094 Datasheet
186Kb / 19P
   Quad PCM Codec/Filter
logo
NXP Semiconductors
MC145484 NXP-MC145484 Datasheet
607Kb / 28P
   5V PCM Codec-Filter
REV 2 3/98
logo
Motorola, Inc
MC145481 MOTOROLA-MC145481 Datasheet
319Kb / 23P
   3V PCM CODEC-FILTER
logo
LANSDALE Semiconductor ...
ML145506 LANSDALE-ML145506_08 Datasheet
2Mb / 20P
   PCM Codec-Filter Mono-Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com