Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZM23600SILR Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
No. de pieza LMZM23600SILR
Descripción Electrónicos  36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI1 [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI1 - Texas Instruments

LMZM23600SILR Datasheet(HTML) 14 Page - Texas Instruments

Back Button LMZM23600SILR Datasheet HTML 10Page - Texas Instruments LMZM23600SILR Datasheet HTML 11Page - Texas Instruments LMZM23600SILR Datasheet HTML 12Page - Texas Instruments LMZM23600SILR Datasheet HTML 13Page - Texas Instruments LMZM23600SILR Datasheet HTML 14Page - Texas Instruments LMZM23600SILR Datasheet HTML 15Page - Texas Instruments LMZM23600SILR Datasheet HTML 16Page - Texas Instruments LMZM23600SILR Datasheet HTML 17Page - Texas Instruments LMZM23600SILR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
14
LMZM23600
SNVSB53 – FEBRUARY 2018
www.ti.com
Product Folder Links: LMZM23600
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
Feature Description (continued)
8.3.7.4 SYNC Operation
It is often desirable to synchronize the switching frequency of multiple regulators in a single system. This
technique results in better defined EMI behavior and can reduce the need for capacitance on some power rails.
The LMZM23600 MODE/SYNC input allows synchronization to an external clock. The LMZM23600 implements
an in-phase locking scheme – the rising edge of the clock signal provided to the input of the LMZM23600 device
corresponds to turning on the high-side MOSFET device. This function is implemented using phase locking over
a limited frequency range eliminating large glitches upon initial application of an external clock. The clock fed into
the LMZM23600 device replaces the internal free-running clock but does not affect frequency foldback operation.
The output voltage continues to be well regulated using frequency reduction when duty factors outside of the
normal duty cycle range are reached.
The device remains in FPWM mode and operates in CCM for light loads when synchronization input is provided.
The MODE/SYNC function logic always prioritizes the proper regulation of the output voltage. Table 2
summarizes the MODE/SYNC function and the operating switching frequency with various conditions.
Table 2. Switching Frequency and MODE/SYNC Function
DEVICE
SWITCHING FREQUENCY
MODE/SYNC
LIGHT LOAD
FULL LOAD
VIN > 28 V
IN DROPOUT MODE
ADJ Output
Logic LOW = Auto PFM
Reduced
(save power)
Fixed
1000 kHz
Reduced
(maintain regulation)
Reduced
(maintain regulation)
Logic HIGH = FPWM
Fixed
1000 kHz
Fixed
1000 kHz
Reduced
(maintain regulation)
Reduced
(maintain regulation)
Valid FSYNC Input
FSYNC
FSYNC
Reduced
(maintain regulation)
Reduced
(maintain regulation)
Fixed
3.3-V
Output
or 5-V
Output
Logic LOW = Auto PFM
Reduced
(save power)
Fixed
750 kHz
Fixed
750 kHz
Reduced
(maintain regulation)
Logic HIGH = FPWM
Fixed
750 kHz
Fixed
750 kHz
Fixed
750 kHz
Reduced
(maintain regulation)
Valid FSYNC Input
FSYNC
FSYNC
FSYNC
Reduced
(maintain regulation)
8.3.8 Thermal Protection
The LMZM23600 monitors its junction temperature (TJ) and shuts off if the it gets too hot. The thermal shutdown
threshold for the junction is typically 155°C. Both, high-side and low-side power MOSFETs are turned off until the
junction temperature has decreased under the hysteresis level, typically 15°C below the shutdown temperature.


Número de pieza similar - LMZM23600SILR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
LMZM23601 TI1-LMZM23601 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILR TI1-LMZM23601SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601SILT TI1-LMZM23601SILT Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM23601V3SILR TI1-LMZM23601V3SILR Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
More results

Descripción similar - LMZM23600SILR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
LMZM23601 TI1-LMZM23601_18 Datasheet
1Mb / 44P
[Old version datasheet]   36-V, 1-A Step-Down DC/DC Power Module in 3.8-mm x 3-mm Package
LMZM33603 TI1-LMZM33603_18 Datasheet
1,017Kb / 36P
[Old version datasheet]   4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
LMZM33603 TI1-LMZM33603 Datasheet
462Kb / 28P
[Old version datasheet]   LMZM33603 4-V to 36-V Input, 3-A Step-Down DC-DC Power Module in QFN Package
LMZM33602 TI1-LMZM33602 Datasheet
747Kb / 30P
[Old version datasheet]   4-V to 36-V Input, 2-A Step-Down DC-DC Power Module in QFN Package
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
Alpha & Omega Semicondu...
AOZ29303QI AOSMD-AOZ29303QI Datasheet
2Mb / 20P
   30 V 3 A Step-Down Integrated DC-DC Power Module
Rev. 1.1 March 2022
logo
Texas Instruments
TLV62065-Q1 TI1-TLV62065-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm x 2-mm SON Package
TPS62140 TI1-TPS62140 Datasheet
1Mb / 34P
[Old version datasheet]   3-V to 17-V 2-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
TPS62150 TI1-TPS62150_16 Datasheet
2Mb / 43P
[Old version datasheet]   3-V to 17-V, 1-A Step-Down Converter in 3-mm 횞 3-mm QFN Package
LMR33630-Q1_1811 TI1-LMR33630-Q1_1811 Datasheet
2Mb / 44P
[Old version datasheet]   3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com