Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LMZM33603 Datasheet(Hoja de datos) 7 Page - TI store

Click here to check the latest version.
No. de Pieza. LMZM33603
Descripción  4-V to 36-V Input, 3-A Step-Down DC/DC Power Module in QFN Package
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [TI store]
Página de inicio  http://www.ti.com
Logo 

 7 page
background image
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
35
45
55
65
75
85
95
105
115
D013
Airflow
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
4
5
6
7
8
9
10
11
12
13
14
D009
VOUT, fSW
3.3 V, 300 kHz
2.5 V, 250 kHz
1.0 V, 250 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
25
35
45
55
65
75
85
95
105
115
D016
Airflow
400LFM
200LFM
100LFM
Nat conv
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
D001
VOUT, fSW
3.3 V, 300 kHz
2.5 V, 250 kHz
1.0 V, 250 kHz
Output Current (A)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3.0
D005
VOUT, fSW
3.3 V, 300 kHz
2.5 V, 250 kHz
1.0 V, 250 kHz
7
LMZM33603
www.ti.com
SNVSAO6C – SEPTEMBER 2017 – REVISED MARCH 2018
Product Folder Links: LMZM33603
Submit Documentation Feedback
Copyright © 2017–2018, Texas Instruments Incorporated
6.7 Typical Characteristics (VIN = 5 V)
The typical characteristic data has been developed from actual products tested at 25°C. This data is considered typical for the
device.
Figure 1. Efficiency vs Output Current
Figure 2. Power Dissipation vs Output Current
COUT = 4 × 22 µF, 25 V, 1210 ceramic
Figure 3. Voltage Ripple vs Output Current
VOUT = 2.5 V
fSW = 250 kHz
Figure 4. Safe Operating Area
VOUT = 3.3 V
fSW = 300 kHz
Figure 5. Safe Operating Area




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl