Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LMZM23600V5SILT Datasheet(Hoja de datos) 4 Page - TI store

Click here to check the latest version.
No. de Pieza. LMZM23600V5SILT
Descripción  36-V, 0.5-A Step-Down DC-DC Power Module in 3.8-mm x 3-mm Package
Descarga  36 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TI1 [TI store]
Página de inicio  http://www.ti.com
Logo 

 
 4 page
background image
GND
MODE
/SYNC
VIN
EN
PGOOD
DNC
DNC
DNC
FB
VOUT
Thermal
Pad
1
2
3
4
5
6
8
9
7
10
4
LMZM23600
SNVSB53 – FEBRUARY 2018
www.ti.com
Product Folder Links: LMZM23600
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
(1)
G = Ground, I = Input, O = Output, P = Power
6 Pin Configuration and Functions
SIL Package
10-Pin MicroSiP
Top View
Pin Functions
PIN
TYPE(1)
DESCRIPTION
NO.
NAME
1
GND
G
Ground for all circuitry. Reference point for all voltages.
2
MODE/SYNC
I
This is a multifunction mode control input which is tolerant of voltages up to the input voltage.
With this input tied LOW, the device is in Auto PFM mode with automatic transition between PFM
and PWM with diode emulation at light load. This mode is recommended when the application
requires high efficiency at light load.
With this input tied HIGH, the device is in forced PWM mode. The device switches at the internal
clock frequency. This mode is recommended when the application requires constant switching
frequency across the entire load current.
With a valid synchronization signal at this pin, the device switches in forced PWM mode at the
external clock frequency and synchronized with it at the rising edge of the clock.
Do not float this pin.
3
VIN
P
Input supply to the regulator. Connect a high-quality bypass capacitor(s) directly to this pin and the
GND pin (pin 1).
4
EN
I
Enable input to the regulator. HIGH = ON, LOW = OFF. This pin can be connected to VIN. Do not
float.
5
PGOOD
O
Open-drain, power-good output. Connect to a suitable voltage supply through a current limiting
resistor. HIGH = power is good, LOW = fault. This output terminal is LOW when EN is LOW.
6
VOUT
O
Output voltage terminal. It is internally connected to one terminal of the integrated inductor. Connect
an output filter capacitor from VOUT to GND and place the capacitor as close as possible to the
VOUT pin.
7
FB
I
Feedback input to the regulator.
If using the fixed 3.3-V or 5-V options of the device, connect this pin to the positive end of the output
filter capacitor (the VOUT node).
If using the adjustable output option of the device connect this to the feedback voltage divider and
keep this node as small as possible on the board layout.
8
DNC
O
Do not connect. Leave floating. This pin provides access to the internal VCC voltage of the device.
9
DNC
O
Do not connect. Leave floating. This pin provides access to the internal BOOT voltage for the high
side MOSFET driver.
10
DNC
O
Do not connect. Leave floating. This pin provides access to the internal SW voltage of the device.
Thermal Pad
G
This terminal is internally connected to GND and provides a wide thermal connection from the IC to
the PCB. Connect to electrical ground plane for adequate heat sinking.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl