Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SS1150 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited |
|
SS1150 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited |
1 / 4 page Schottky Barrier Rectifiers SS1150--SS1200 SMA425AA www.gmesemi.com Rev.B Production specification Features Metal silicon junction, majority carrier conduction High surge capability High temperature soldering guaranteed: 260°C/10 seconds High current capability, low forward voltage drop Guarding for over voltage protection RoHS Compliant Mechanical Data Case: SMA molded plastic Molding compound, UL flammability classification rating 94V-0 Terminals: Matte tin plated leads, solderable perJ-STD-002 and JESD22-B102 Polarity: Color band denotes cathode end Maximum Ratings (@TA = 25°C unless otherwise specified) Characteristic Symbol SS1150 SS1200 Units Peak repetitive reverse voltage VRRM 150 200 V RMS reverse voltage VRMS 105 140 V DC blocking voltage VDC 150 200 V Maximum average forward output current IF(AV) 1.0 A Peak forward surge current, 8.3ms single half-sine-wave IFSM 35 A Thermal Characteristics Note: 1. Device mounted on PCB with 10 mm x 20 mm x 0.1mm copper pad areas Parameter Symbol SS1150 SS1200 Units Typical thermal resistance (Note 1) R ΘJA R ΘJC R ΘJL 70 °C /W 25 30 Operating junction temperature range TJ - 55 ---- + 150 °C Storage temperature range TSTG - 55 ---- + 150 °C |
Número de pieza similar - SS1150 |
|
Descripción similar - SS1150 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |