Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

2N6691 Datasheet(PDF) 2 Page - Microsemi Corporation

No. de pieza 2N6691
Descripción Electrónicos  NPN POWER SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROSEMI [Microsemi Corporation]
Página de inicio  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6691 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6691 Datasheet HTML 1Page - Microsemi Corporation 2N6691 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6676, 2N6678, 2N6691, 2N6693 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Emitter-Base Cutoff Current
VEB = 8.0 Vdc
IEBO
2.0
mAdc
Collector-Base Cutoff Current
VCB = 450 Vdc
2N6676, 2N6691
VCB = 650 Vdc
2N6678, 2N6693
ICBO
1.0
1.0
mAdc
ON CHARACTERISTICS
(4)
Forward-Current Transfer Ratio
IC = 1.0 Adc; VCE = 3.0 Vdc
IC = 15 Adc; VCE = 3.0 Vdc
hFE
15
8.0
40
20
Collector-Emitter Saturation Voltage
IC = 15 Adc; IB = 3.0 Adc
VCE(sat)
1.0
Vdc
Base-Emitter Saturation Voltage
IC = 15 Adc; IB = 3.0 Adc
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Small-Signal Short-Circuit Forward Current Transfer Ratio
IC = 1.0 Adc; VCE = 10 Vdc, f = 5 MHz
h
fe
3.0
10
Output Capacitance
VCB = 10 Vdc; IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
150
500
pF
SWITCHING CHARACTERISTICS
Delay Time
td
0.1
µs
Rise Time
tr
0.6
µs
Storage Time
ts
2.5
µs
Fall Time
tf
0.5
µs
Cross-Over Time
See Figure 3 of MIL-PRF-19500/538
tc
0.5
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = 11.7 Vdc, IC = 15 Adc
All Types
Test 2
VCE = 30 Vdc, IC = 5.9 Adc
2N6676, 2N6678
Test 3
VCE = 100 Vdc, IC = 0.25 Adc
All Types
Test 4
VCE = 25 Vdc, IC = 7.0 Adc
2N6691, 2N6693
Test 5
VCE = 300 Vdc, IC = 20 mAdc
2N6676, 2N6691
VCE = 400 Vdc, IC = 10 mAdc
2N6678, 2N6693
Clamped Switching
TA = 25
0C; V
CC = 15 Vdc
IC = 15 Adc; Clamped Voltage = 350 Vdc
2N6676, 2N6691
IC = 15 Adc; Clamped Voltage = 450 Vdc
2N6678, 2N6693
(4) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2


Número de pieza similar - 2N6691

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
New Jersey Semi-Conduct...
2N669 NJSEMI-2N669 Datasheet
88Kb / 1P
   GERMANIUM POWER TRANSISTORS
2N669 NJSEMI-2N669 Datasheet
88Kb / 1P
   GERMANIUM POWER TRANSISTORS
2N669 NJSEMI-2N669 Datasheet
88Kb / 1P
   GERMANIUM POWER TRANSISTORS
logo
Microsemi Corporation
2N6690 MICROSEMI-2N6690 Datasheet
60Kb / 2P
   NPN POWER SILICON TRANSISTOR
logo
New Jersey Semi-Conduct...
2N6690 NJSEMI-2N6690 Datasheet
93Kb / 2P
   Devices
More results

Descripción similar - 2N6691

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
   Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
NEC
2SC3568 NEC-2SC3568 Datasheet
172Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
BUW46 SEME-LAB-BUW46 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SC2752 NEC-2SC2752 Datasheet
188Kb / 4P
   NPN SILICON POWER TRANSISTOR
logo
Seme LAB
SDT96305 SEME-LAB-SDT96305 Datasheet
17Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
NEC
2SD1818 NEC-2SD1818 Datasheet
196Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Transys Electronics
BUL791 TRSYS-BUL791 Datasheet
873Kb / 6P
   NPN SILICON POWER TRANSISTOR
logo
Siemens Semiconductor G...
BU326A SIEMENS-BU326A Datasheet
69Kb / 3P
   NPN SILICON POWER TRANSISTOR
logo
Boca Semiconductor Corp...
2N3441 BOCA-2N3441 Datasheet
100Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
Central Semiconductor C...
CZT5338 CENTRAL-CZT5338 Datasheet
101Kb / 2P
   NPN SILICON POWER TRANSISTOR
logo
AUK corp
STD13003L AUK-STD13003L Datasheet
271Kb / 3P
   NPN Silicon Power Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com