Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM236AM-2.5 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No. de pieza LM236AM-2.5
Descripción Electrónicos  Reference Diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  NSC [National Semiconductor (TI)]
Página de inicio  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM236AM-2.5 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM236AM-2.5 Datasheet HTML 1Page - National Semiconductor (TI) LM236AM-2.5 Datasheet HTML 2Page - National Semiconductor (TI) LM236AM-2.5 Datasheet HTML 3Page - National Semiconductor (TI) LM236AM-2.5 Datasheet HTML 4Page - National Semiconductor (TI) LM236AM-2.5 Datasheet HTML 5Page - National Semiconductor (TI) LM236AM-2.5 Datasheet HTML 6Page - National Semiconductor (TI) LM236AM-2.5 Datasheet HTML 7Page - National Semiconductor (TI) LM236AM-2.5 Datasheet HTML 8Page - National Semiconductor (TI) LM236AM-2.5 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Connection Diagrams (Continued)
Typical Applications
SO Package
DS005715-12
Top View
Order Number LM236M-2.5,
LM236AM-2.5, LM336M-2.5
or LM336BM-2.5
See NS Package Number M08A
2.5V Reference
DS005715-9
2.5V Reference with Minimum
Temperature Coefficient
DS005715-10
Adjust to 2.490V
*Any silicon signal diode
Wide Input Range Reference
DS005715-11
www.national.com
2


Número de pieza similar - LM236AM-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM236AH-2.5 NSC-LM236AH-2.5 Datasheet
679Kb / 12P
   Reference Diode
LM236AH-5.0 NSC-LM236AH-5.0 Datasheet
216Kb / 11P
   5.0V Reference Diode
LM236AH-5.0 NSC-LM236AH-5.0 Datasheet
261Kb / 12P
   5.0V Reference Diode
logo
Texas Instruments
LM236AH-5.0 TI1-LM236AH-5.0 Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
LM236AH-5.0/NOPB TI1-LM236AH-5.0/NOPB Datasheet
452Kb / 17P
[Old version datasheet]   5.0V Reference Diode
More results

Descripción similar - LM236AM-2.5

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
National Semiconductor ...
LM113 NSC-LM113 Datasheet
126Kb / 4P
   Reference Diode
logo
Texas Instruments
LM136-2.5-N TI1-LM136-2.5-N_14 Datasheet
453Kb / 16P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5 Datasheet
276Kb / 12P
   Reference Diode
LM136-2.5 NSC-LM136-2.5_05 Datasheet
679Kb / 12P
   Reference Diode
logo
Texas Instruments
LM113QML TI1-LM113QML_13 Datasheet
297Kb / 10P
[Old version datasheet]   Reference Diode
LM113 TI1-LM113_13 Datasheet
293Kb / 10P
[Old version datasheet]   Reference Diode
LM336BMX-2.5 TI1-LM336BMX-2.5 Datasheet
676Kb / 14P
[Old version datasheet]   Reference Diode
logo
National Semiconductor ...
LM136A-2.5 NSC-LM136A-2.5_09 Datasheet
311Kb / 14P
   Reference Diode
logo
Central Semiconductor C...
CMPD200 CENTRAL-CMPD200 Datasheet
59Kb / 2P
   FORWARD REFERENCE DIODE
logo
National Semiconductor ...
LM136 NSC-LM136 Datasheet
108Kb / 8P
   2.5V REFERENCE DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com