Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8833AEEV180Y Datasheet(PDF) 9 Page - Analog Microelectronics

No. de pieza AME8833AEEV180Y
Descripción Electrónicos  High PSRR, 150mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8833AEEV180Y Datasheet(HTML) 9 Page - Analog Microelectronics

Back Button AME8833AEEV180Y Datasheet HTML 5Page - Analog Microelectronics AME8833AEEV180Y Datasheet HTML 6Page - Analog Microelectronics AME8833AEEV180Y Datasheet HTML 7Page - Analog Microelectronics AME8833AEEV180Y Datasheet HTML 8Page - Analog Microelectronics AME8833AEEV180Y Datasheet HTML 9Page - Analog Microelectronics AME8833AEEV180Y Datasheet HTML 10Page - Analog Microelectronics AME8833AEEV180Y Datasheet HTML 11Page - Analog Microelectronics AME8833AEEV180Y Datasheet HTML 12Page - Analog Microelectronics AME8833AEEV180Y Datasheet HTML 13Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
AME, Inc.
9
AME8833/8834
High PSRR, 150mA CMOS LDO
Input Current vs. Input Voltage
Input Current vs. Temperature
Dropout Voltage vs. Load
Output Voltage vs. Temperature
Output Voltage vs. Load Current
Output Voltage vs. Input Voltage
Temperature (oC)
-45
-5
25
55
85
54.0
54.5
55.0
55.5
56.0
56.5
57.0
57.5
0
50
100
150
200
250
300
0
30
60
90
120
150
Load Current (mA)
- 45oC
- 5oC
25oC
55oC
85oC
2.838
2.840
2.842
2.844
2.846
2.848
2.850
2.852
-45
-5
25
55
85
Temperature (oC)
Load Current (mA)
2.830
2.835
2.840
2.845
2.850
2.855
0
30
60
90
120
150
Input Voltage (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
0
10
20
30
40
50
60
70
0.0
0.5
1.0 1.5 2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0


Número de pieza similar - AME8833AEEV180Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
More results

Descripción similar - AME8833AEEV180Y

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com