Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SL6609AKG Datasheet(PDF) 2 Page - Zarlink Semiconductor Inc |
|
SL6609AKG Datasheet(HTML) 2 Page - Zarlink Semiconductor Inc |
2 / 20 page ADVANCE INFORMATION DS4015 - 2.5 JULY 1995 This device is an advanced direct conversion receiver for operation up to 470MHz. The design is based on the SL6609 receiver and is a pin for pin product upgrade. The device integrates all functions to translate a binary FSK modulated RF signal into a demodulated data stream. Adjacent channel rejection is provided using tuneable gyrator filters. To assist operation in the presence of large interfering signals both RF and audio AGC functions are provided. The device also includes a 1 volt regulator capable of sourcing up to 5mA, a battery flag and the facility of incorporating a more complex post detection filter off-chip. Both battery flag and data outputs have open collector outputs to ease their interface with other devices. FEATURES s Very low power operation - typ 3.0mW s Single cell operation for most of the device. Limited functional blocks operating via an inverter s Superior sensitivity of -130dBm s Operation at wide range of paging data rates 512, 1200, 2400 baud s On chip 1 volt regulator s Small package offering SSOP APPLICATIONS s Credit card pagers s Watch pagers s Small form factor pagers i.e. PCMCIA s Low data rate data receivers i.e. Security/remote control NP28 Fig.1 Pin connections ABSOLUTE MAXIMUM RATINGS Supply voltage 6V Storage temperature -55°C to +150°C Operating temperature -20°C to +70°C ORDERING INFORMATION SL6609A / KG / NPDS - SSOP devices in anti-static sticks SL6609A / KG / NPDE - SSOP devices in tape and reel SL6609A DIRECT CONVERSION FSK DATA RECEIVER Fig.2 Block diagram of SL6609A 28 27 26 25 24 23 22 21 20 19 17 16 15 18 TPX RFIADJ LOY GYRI LOX VR TPY GTHADJ TCADJ BEC TPLIMY VCC2 DATAOP BATTFL IAGCOUT IRFAMP MIXA GND MIXB VREG REGCNT VCC1 VBATT VBG BRF1 BRF2 TPLIMX DIGGND 1 2 3 4 5 6 7 8 9 10 12 13 14 11 |
Número de pieza similar - SL6609AKG |
|
Descripción similar - SL6609AKG |