Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AME8833AEEV250Z Datasheet(PDF) 8 Page - Analog Microelectronics

No. de pieza AME8833AEEV250Z
Descripción Electrónicos  High PSRR, 150mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AME [Analog Microelectronics]
Página de inicio  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8833AEEV250Z Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME8833AEEV250Z Datasheet HTML 4Page - Analog Microelectronics AME8833AEEV250Z Datasheet HTML 5Page - Analog Microelectronics AME8833AEEV250Z Datasheet HTML 6Page - Analog Microelectronics AME8833AEEV250Z Datasheet HTML 7Page - Analog Microelectronics AME8833AEEV250Z Datasheet HTML 8Page - Analog Microelectronics AME8833AEEV250Z Datasheet HTML 9Page - Analog Microelectronics AME8833AEEV250Z Datasheet HTML 10Page - Analog Microelectronics AME8833AEEV250Z Datasheet HTML 11Page - Analog Microelectronics AME8833AEEV250Z Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AME, Inc.
8
High PSRR, 150mA CMOS LDO
AME8833/8834
The AME8833/8834 is stable with an output capacitor
to ground of 0.22
µF or greater. Ceramic capacitors have
the lowest ESR, and will offer the best AC performance.
Conversely, Aluminum Electrolytic capacitors exhibit the
highest ESR, resulting in the poorest AC response.
A second capacitor is recommended between the in-
put and ground to stabilize Vin. The input capacitor should
be at least 1
µF to have a beneficial effect.
A larger capacitor improves the AC ripple rejection, but
also makes the output come up slowly. This "Soft" turn-
on is desirable in some applications to limit turn-on surges.
All capacitors should be placed in close proximity to
the pins. A "Quiet" ground termination is desirable. This
can be achieved with a "Star" connection.
n Detailed Description
n External Capacitors
n Shutdown
When actively, pulled low, the PMOS pass transistor
shuts off, and all internal circuits are powered down. In
this state, the quiescent current is less than 1
µA. This
pin behaves much like an electronic switch.
The AME8833/8834 family of CMOS regulators con-
tain a PMOS pass transistor, voltage reference, error am-
plifier, over-current protection, and thermal shutdown.
The P-channel pass transistor receives data from the
error amplifier, over-current shutdown, and thermal pro-
tection circuits. During normal operation, the error ampli-
fier compares the output voltage to a precision reference.
Over-current and Thermal shutdown circuits become ac-
tive when the junction temperature exceeds 150oC, or
the current exceeds 150mA. During thermal shutdown,
the output voltage remains low. Normal operation is re-
stored when the junction temperature drops below 120oC.
The AME8833/8834 switches from voltage mode to cur-
rent mode when the load exceeds the rated output cur-
rent. This prevents over-stress. The AME8833/8834 also
incorporates current foldback to reduce power dissipa-
tion when the output is short circuited. This feature be-
comes active when the output drops below 0.8volts, and
reduces the current flow by 65%. Full current is restored
when the voltage exceeds 0.8 volts.
n Adjustable Version
AME8834 features a user-adjustable output through an
external feedback resister divider. To set the output of
AME8834 use the following equation:
V
OUT=VADJ(1+R1/R2)
V
ADJ=1.225V, use 1% or better resistors


Número de pieza similar - AME8833AEEV250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
More results

Descripción similar - AME8833AEEV250Z

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com