Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

PE3C3992-24 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

No. de pieza PE3C3992-24
Descripción Electrónicos  Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 24 Inch Length Using RG178 Coax
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PASTERNACK [Pasternack Enterprises, Inc.]
Página de inicio  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C3992-24 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3C3992-24 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C3992-24 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C3992-24 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C3992-24 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Environmental Specifications
Temperature
Operating Range
-55 to +155 deg C
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
How to Order
Part Number Configuration:
PE3C3992
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3C3992-12 = 12 inches long cable
PE3C3992-100cm = 100 cm long cable
Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 24 Inch Length Using RG178 Coax
from Pasternack Enterprises has same day shipment for domestic and International orders. Our RF, microwave and
millimeter wave products maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 24 Inch
Length Using RG178 Coax PE3C3992-24
URL:
https://www.pasternack.com/mmbx-plug-sma-female-rg178bu-cable-assembly-pe3c3992-24-p.aspx
PE3C3992-24 REV 1.0
RF Cable Assemblies Technical Data Sheet
Snap-On MMBX Plug Right Angle to Reverse Polarity SMA
Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3992-24


Número de pieza similar - PE3C3992-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3C3992-12 PASTERNACK-PE3C3992-12 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3992-18 PASTERNACK-PE3C3992-18 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3992-4 PASTERNACK-PE3C3992-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3992-6 PASTERNACK-PE3C3992-6 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3992-8 PASTERNACK-PE3C3992-8 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 8 Inch Length Using RG178 Coax
More results

Descripción similar - PE3C3992-24

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pasternack Enterprises,...
PE3C3991-24 PASTERNACK-PE3C3991-24 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 24 Inch Length Using RG178 Coax
PE3C3992-18 PASTERNACK-PE3C3992-18 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3992-4 PASTERNACK-PE3C3992-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3992-6 PASTERNACK-PE3C3992-6 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
PE3C3992-12 PASTERNACK-PE3C3992-12 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 12 Inch Length Using RG178 Coax
PE3C3992-8 PASTERNACK-PE3C3992-8 Datasheet
440Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable 8 Inch Length Using RG178 Coax
PE3C3992 PASTERNACK-PE3C3992 Datasheet
439Kb / 4P
   Snap-On MMBX Plug Right Angle to Reverse Polarity SMA Female Bulkhead Cable Using RG178 Coax
PE3C3991-18 PASTERNACK-PE3C3991-18 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 18 Inch Length Using RG178 Coax
PE3C3991-4 PASTERNACK-PE3C3991-4 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 4 Inch Length Using RG178 Coax
PE3C3991-6 PASTERNACK-PE3C3991-6 Datasheet
439Kb / 4P
   Snap-On MMBX Plug to Reverse Polarity SMA Female Bulkhead Cable 6 Inch Length Using RG178 Coax
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com