Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSF250 Datasheet(PDF) 2 Page - Schurter Inc.

No. de pieza MSF250
Descripción Electrónicos  Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

MSF250 Datasheet(HTML) 2 Page - Schurter Inc.

  MSF250_18 Datasheet HTML 1Page - Schurter Inc. MSF250_18 Datasheet HTML 2Page - Schurter Inc. MSF250_18 Datasheet HTML 3Page - Schurter Inc. MSF250_18 Datasheet HTML 4Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Fuses
MSF 250
https://www.schurter.com /PG01_2
Fuses
Product standards
Product standards that are referenced
Organization
Design
Standard
Description
Designed according to
UL 248-14
Low voltage fuses - Part 14: Additional fuses
Designed according to
CSA22.2 No. 248.14
Low-Voltage Fuses - Part 14: Supplemental Fuses
Application standards
Application standards where the product can be used
Organization
Design
Standard
Description
Designed for applications acc.
IEC/UL 60950
IEC 60950-1 includes the basic requirements for the safety of information
technologyequipment.
Compliances
The product complies with following Guide Lines
Identification
Details
Initiator
Description
CE declaration of conformity
SCHURTER AG
The CE marking declares that the product complies with the applicable
requirements laid down in the harmonisation of Community legislation on
its affixing in accordance with EU Regulation 765/2008.
RoHS
SCHURTER AG
EU Directive RoHS 2011/65/EU
China RoHS
SCHURTER AG
The law SJ / T 11363-2006 (China RoHS) has been in force since 1 March
2007. It is similar to the EU directive RoHS.
REACH
SCHURTER AG
On 1 June 2007, Regulation (EC) No 1907/2006 on the Registration,
Evaluation, Authorization and Restriction of Chemicals 1 (abbreviated as
"REACH") entered into force.
Dimension [mm]
8.5 mm
ø 8.5
3.2
ø 0.64
5.08
3.2
ø 0.64
5.08
ø 8.5
1
+0.1
0
5.08
Drilling diagram
Pre-Arcing Time
Rated Current In
1.5 x In min.
2.1 x In max. 2.75 x In min. 2.75 x In max. 4.0 x In min.
4.0 x In max. 10.0 x In max.
0.04 A - 5 A
60 min
30 min
10 ms
3 s
3 ms
300 ms
20 ms


Número de pieza similar - MSF250_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
MSF250 SCHURTER-MSF250_V02 Datasheet
390Kb / 5P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
04.01.2022
More results

Descripción similar - MSF250_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
MSF250 SCHURTER-MSF250 Datasheet
305Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
MSF250 SCHURTER-MSF250_V02 Datasheet
390Kb / 5P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC
04.01.2022
00346000 SCHURTER-00346000 Datasheet
595Kb / 4P
   Subminiature Fuse, 8.5 mm, Quick-Acting F, 250 VAC, 250 VDC
172593 SCHURTER-172593 Datasheet
282Kb / 2P
   Subminiature Fuse, 3.8 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
172593 SCHURTER-172593_18 Datasheet
291Kb / 4P
   Subminiature Fuse, 4.05 x 10 mm, Quick-Acting F, 250 VAC, 125 VDC
20300013 SCHURTER-20300013 Datasheet
448Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_V01 Datasheet
291Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
04.10.2018
MSU125 SCHURTER-MSU125 Datasheet
250Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSU125 SCHURTER-MSU125_18 Datasheet
282Kb / 4P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, Telecom
MSF SCHURTER-MSF Datasheet
505Kb / 3P
   Subminiature Fuse, 6.4 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com