Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

OMF63 Datasheet(PDF) 5 Page - Schurter Inc.

No. de pieza OMF63
Descripción Electrónicos  Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SCHURTER [Schurter Inc.]
Página de inicio  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

OMF63 Datasheet(HTML) 5 Page - Schurter Inc.

  OMF63_18 Datasheet HTML 1Page - Schurter Inc. OMF63_18 Datasheet HTML 2Page - Schurter Inc. OMF63_18 Datasheet HTML 3Page - Schurter Inc. OMF63_18 Datasheet HTML 4Page - Schurter Inc. OMF63_18 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
5
Fuses
OMF 63
https://www.schurter.com /PG01_2
Fuses
Packaging Unit
.xx = .11 Plastic Bag (100 pcs.)
.xx = .22 Blister Tape 18 cm Reel (750 pcs.)
.xx = .24 Blister Tape 33 cm Reel (3000 pcs.)
The specifications, descriptions and illustrations indicated in this document are based on current
information. All content is subject to modifications and amendments. Information furnished is believed
to be accurate and reliable. However, users should independently evaluate the suitability and test each
product selected for their own applications.


Número de pieza similar - OMF63_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V02 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
More results

Descripción similar - OMF63_18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schurter Inc.
OMF63 SCHURTER-OMF63 Datasheet
295Kb / 4P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V01 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF SCHURTER-OMF Datasheet
462Kb / 3P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF63 SCHURTER-OMF63_V02 Datasheet
335Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
OMK63 SCHURTER-OMK63 Datasheet
290Kb / 2P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125_V02 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
04.01.2022
OMK63 SCHURTER-OMK63_V01 Datasheet
234Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMK63 SCHURTER-OMK63_V02 Datasheet
296Kb / 4P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
04.01.2022
OMK63 SCHURTER-OMK63_16 Datasheet
183Kb / 3P
   Surface Mount Fuse with Holder, 12 x 5.2 mm, Quick-Acting F, 63 VAC, 63 VDC
OMF125 SCHURTER-OMF125_V01 Datasheet
336Kb / 5P
   Surface Mount Fuse, 7.4 x 3.1 mm, Quick-Acting F, 125 VAC, 125 VDC
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com