Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADF4154BCP-REEL Datasheet(PDF) 8 Page - Analog Devices

No. de pieza ADF4154BCP-REEL
Descripción Electrónicos  Fractional-N Frequency Synthesizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADF4154BCP-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4154BCP-REEL Datasheet HTML 4Page - Analog Devices ADF4154BCP-REEL Datasheet HTML 5Page - Analog Devices ADF4154BCP-REEL Datasheet HTML 6Page - Analog Devices ADF4154BCP-REEL Datasheet HTML 7Page - Analog Devices ADF4154BCP-REEL Datasheet HTML 8Page - Analog Devices ADF4154BCP-REEL Datasheet HTML 9Page - Analog Devices ADF4154BCP-REEL Datasheet HTML 10Page - Analog Devices ADF4154BCP-REEL Datasheet HTML 11Page - Analog Devices ADF4154BCP-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ADF4154
Rev. 0 | Page 8 of 20
PHASE DETECTOR FREQUENCY (kHz)
–130
–140
–150
–160
–170
100
1000
10000
100000
Figure 11. PFD Noise Floor vs. PFD Frequency (Lowest Noise Mode)
FREQUENCY (GHz)
5
0
–5
–10
–20
–15
–25
–30
–35
0
0.5
1.0
1.5
4.0
3.5
3.0
2.5
2.0
4.5
P = 4/5
P = 8/9
Figure 12. RF Input Sensitivity
VCP(V)
6
0
–6
4
2
–2
–4
–5
–3
–1
1
3
5
012345
Figure 13. Charge Pump Output Characteristics
RSET VALUE (kΩ)
–80
–85
–110
03
30
25
20
15
10
5
–90
–95
5
–105
–100
Figure 14. Phase Noise vs. RSET
TEMPERATURE(°C)
–90
–94
–104
–60
100
–40
–20
0
20
40
60
–96
–98
–92
–102
–100
80
Figure 15. Phase Noise vs. Temperature
TIME (
µs)
100
0
1020304050
6065758595
1.700
1.696
1.692
1.688
1.684
1.680
1.676
1.672
1.668
1.664
1.660
1.656
1.652
1.648
1.644
1.640
A
B
Figure 16. A) Lock Time in Fast-lock Mode. Fast Counter = 150, Low Spur
Mode: a 1649.7 MHz to 1686.8 MHz Frequency Jump.
Final Loop Bandwidth = 60 kHz
B) Lock Time with the PLL in Normal Mode (Non Fast-lock), Low Spur Mode, a
1649.7 MHz to 1686.8 MHz Frequency Jump. Final Loop Bandwidth = 60 kHz


Número de pieza similar - ADF4154BCP-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4154BCPZ AD-ADF4154BCPZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4154BCPZ-RL AD-ADF4154BCPZ-RL Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4154BCPZ-RL7 AD-ADF4154BCPZ-RL7 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
More results

Descripción similar - ADF4154BCP-REEL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADF4153 AD-ADF4153 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
REV. A
ADF4153BCPZ AD-ADF4153BCPZ Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
logo
Cirrus Logic
CS2200-CP CIRRUS-CS2200-CP Datasheet
326Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_16 Datasheet
483Kb / 25P
   Fractional-N Frequency Synthesizer
logo
Cirrus Logic
CS2200-OT CIRRUS-CS2200-OT Datasheet
861Kb / 23P
   Fractional-N Frequency Synthesizer
CS2200-CP CIRRUS-CS2200-CP_09 Datasheet
218Kb / 26P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4153 AD-ADF4153_15 Datasheet
354Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. F
ADF4154 AD-ADF4154_15 Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
REV. C
logo
Cirrus Logic
CS2200-OTP CIRRUS-CS2200-OTP_09 Datasheet
189Kb / 24P
   Fractional-N Frequency Synthesizer
logo
Analog Devices
ADF4154BRUZ AD-ADF4154BRUZ Datasheet
370Kb / 24P
   Fractional-N Frequency Synthesizer
Rev. C
ADF4153A AD-ADF4153A Datasheet
358Kb / 24P
   Fractional-N Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com