Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADS5240IPAPG4 Datasheet(PDF) 7 Page - Burr-Brown (TI) |
|
|
ADS5240IPAPG4 Datasheet(HTML) 7 Page - Burr-Brown (TI) |
7 / 24 page www.ti.com ADCLK 6X ADCLK SERIAL DATA 1X ADCLK LCLK P LCLK N OUT P OUT N ADCLK P ADCLK N Sample n data Input t PROP t D(A) Sample n Sample n+6 D3 D4 D5 D6 D7 D8 D9 D0 D1 D2 D0 D1 D2 D3 D4 D5 D6 D7 D8 D9 D11 D10 t SAMPLE t S 2 t SAMPLE 12 D11 D10 D1 D0 6.5 Clock Cycles ; t S = 0V +AVDD 0V +AVDD Power Supply RESET t 1 t 2 t 3 Register Write Enable t 1 > 10ms t 2 > 100ns t 3 > 100ns PD Device Fully Powers Down Device Fully Powers Up 10 µs 1 µs ADS5240 SBAS326C – JUNE 2004 – REVISED DECEMBER 2004 LVDS TIMING DIAGRAM (PER ADC CHANNEL) RESET TIMING POWER-DOWN TIMING 7 |
Número de pieza similar - ADS5240IPAPG4 |
|
Descripción similar - ADS5240IPAPG4 |