Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CY7C1460KV25 Datasheet(PDF) 24 Page - Cypress Semiconductor

No. de pieza CY7C1460KV25
Descripción Electrónicos  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV25 Datasheet(HTML) 24 Page - Cypress Semiconductor

Back Button CY7C1460KV25 Datasheet HTML 20Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 21Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 22Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 23Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 24Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 25Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 26Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 27Page - Cypress Semiconductor CY7C1460KV25 Datasheet HTML 28Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Document Number: 001-66679 Rev. *J
Page 24 of 32
CY7C1460KV25/CY7C1462KV25
CY7C1460KVE25/CY7C1462KVE25
Switching Characteristics
Over the Operating Range
Parameter [19, 20]
Description
–250
–200
–167
Unit
Min
Max
Min
Max
Min
Max
tPower[21]
VCC (typical) to the first access read or write
1
1
1
ms
Clock
tCYC
Clock cycle time
4.0
5.0
6.0
ns
FMAX
Maximum operating frequency
250
200
167
MHz
tCH
Clock HIGH
1.5
2.0
2.4
ns
tCL
Clock LOW
1.5
2.0
2.4
ns
Output Times
tCO
Data output valid after CLK rise
2.5
3.2
3.4
ns
tEOV
OE LOW to output valid
2.6
3.0
3.4
ns
tDOH
Data output hold after CLK rise
1.0
1.5
1.5
ns
tCHZ
Clock to high Z [22, 23, 24]
2.6
3.0
3.4
ns
tCLZ
Clock to low Z [22, 23, 24]
1.0
1.3
1.5
ns
tEOHZ
OE HIGH to output high Z [22, 23, 24]
2.6
3.0
3.4
ns
tEOLZ
OE LOW to output low Z [22, 23, 24]
0
0
0
ns
Set-up Times
tAS
Address set-up before CLK rise
1.2
1.4
1.5
ns
tDS
Data input set-up before CLK rise
1.2
1.4
1.5
ns
tCENS
CEN set-up before CLK rise
1.2
1.4
1.5
ns
tWES
WE, BWx set-up before CLK rise
1.2
1.4
1.5
ns
tALS
ADV/LD set-up before CLK rise
1.2
1.4
1.5
ns
tCES
Chip select set-up
1.2
1.4
1.5
ns
Hold Times
tAH
Address hold after CLK rise
0.3
0.4
0.5
ns
tDH
Data input hold after CLK rise
0.3
0.4
0.5
ns
tCENH
CEN hold after CLK rise
0.3
0.4
0.5
ns
tWEH
WE, BWx hold after CLK rise
0.3
0.4
0.5
ns
tALH
ADV/LD hold after CLK rise
0.3
0.4
0.5
ns
tCEH
Chip select hold after CLK rise
0.3
0.4
0.5
ns
Notes
19. Timing reference is 1.25 V when VDDQ = 2.5 V.
20. Test conditions shown in (a) of AC Test Loads unless otherwise noted.
21. This part has a voltage regulator internally; tpower is the time power needs to be supplied above VDD minimum initially, before a read or write operation can be initiated.
22. tCHZ, tCLZ, tEOLZ, and tEOHZ are specified with AC test conditions shown in (b) of Figure 3 on page 23. Transition is measured ± 200 mV from steady-state voltage.
23. At any given voltage and temperature, tEOHZ is less than tEOLZ and tCHZ is less than tCLZ to eliminate bus contention between SRAMs when sharing the same data
bus. These specifications do not imply a bus contention condition, but reflect parameters guaranteed over worst case user conditions. Device is designed to achieve
high Z prior to low Z under the same system conditions.
24. This parameter is sampled and not 100% tested.


Número de pieza similar - CY7C1460KV25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXC CYPRESS-CY7C1460KV33-167AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167AXI CYPRESS-CY7C1460KV33-167AXI Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-167BZC CYPRESS-CY7C1460KV33-167BZC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV33-200AXC CYPRESS-CY7C1460KV33-200AXC Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

Descripción similar - CY7C1460KV25

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY7C1460KV33 CYPRESS-CY7C1460KV33 Datasheet
1,010Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com