Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CY7C1460KV33 Datasheet(PDF) 26 Page - Cypress Semiconductor

No. de pieza CY7C1460KV33
Descripción Electrónicos  36-Mbit (1M36/2M18) Pipelined SRAM with NoBL??Architecture (With ECC)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1460KV33 Datasheet(HTML) 26 Page - Cypress Semiconductor

Back Button CY7C1460KV33 Datasheet HTML 22Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 23Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 24Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 25Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 26Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 27Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 28Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 29Page - Cypress Semiconductor CY7C1460KV33 Datasheet HTML 30Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 31 page
background image
Document Number: 001-66680 Rev. *L
Page 26 of 31
CY7C1460KV33
CY7C1460KVE33
CY7C1462KVE33
Ordering Information
Table 1 lists the ordering codes. The table contains only the parts that are currently available. If you do not see what you are looking
for, contact your local sales representative. For more information, visit the Cypress website at www.cypress.com and refer to the
product summary page at http://www.cypress.com/products.
Ordering Code Definitions
Table 1. Ordering Information
Speed
(MHz)
Ordering Code
Package
Diagram
Part and Package Type
Operating
Range
250
CY7C1460KV33-250AXI
51-85050 100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
Industrial
200
CY7C1460KV33-200AXC
Commercial
CY7C1460KVE33-200AXC
167
CY7C1460KV33-167AXC
CY7C1460KV33-167AXI
Industrial
CY7C1460KVE33-167AXI
CY7C1460KVE33-167BZC
51-85195 165-ball FBGA (15 × 17 × 1.4 mm)
Commercial
CY7C1460KV33-167BZC
CY7C1462KVE33-167AXC
51-85050 100-pin TQFP (14 × 20 × 1.4 mm) Pb-free
Temperature range: X = C or I
C = Commercial = 0 °C to +70 °C; I = Industrial = –40 °C to +85 °C
X = Pb-free; X Absent = Leaded
Package Type: XX = A or BZ
A = 100-pin TQFP
BZ = 165-ball FBGA
Speed Grade: XXX = 167 MHz or 200 MHz or 250 MHz
33 = 3.3 V VDD
E = Device with ECC; E Absent = Device without ECC
Process Technology: KV
65 nm
Part Identifier: 14XX = 1460 or 1462
1460 = PL, 1M × 36 (36-Mbit)
1462 = PL, 2M × 18 (36-Mbit)
Technology Code: C = CMOS
Marketing Code: 7 = SRAM
Company ID: CY = Cypress
C
14XX
- XXX
X
XX
33
X
CY 7
KV E


Número de pieza similar - CY7C1460KV33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167AXC CYPRESS-CY7C1460KV25-167AXC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZC CYPRESS-CY7C1460KV25-167BZC Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-167BZXI CYPRESS-CY7C1460KV25-167BZXI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460KV25-200BZI CYPRESS-CY7C1460KV25-200BZI Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
More results

Descripción similar - CY7C1460KV33

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY7C1460KV25 CYPRESS-CY7C1460KV25 Datasheet
830Kb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1460SV25 CYPRESS-CY7C1460SV25 Datasheet
429Kb / 31P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370KV33 CYPRESS-CY7C1370KV33 Datasheet
999Kb / 32P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture (With ECC)
CY7C1440KV33 CYPRESS-CY7C1440KV33 Datasheet
3Mb / 33P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined Sync SRAM (With ECC)
CY7C1461KV33 CYPRESS-CY7C1461KV33 Datasheet
2Mb / 23P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM with NoBL??Architecture
CY7C1370KV25 CYPRESS-CY7C1370KV25 Datasheet
2Mb / 30P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined SRAM with NoBL??Architecture
CY7C1370B CYPRESS-CY7C1370B Datasheet
759Kb / 27P
   512K 횞 36/1M 횞 18 Pipelined SRAM with NoBL Architecture
CY7C1371KV33 CYPRESS-CY7C1371KV33 Datasheet
682Kb / 24P
   18-Mbit (512K 횞 36/1M 횞 18) Flow-Through SRAM with NoBL??Architecture (With ECC)
CY7C1441KV33 CYPRESS-CY7C1441KV33 Datasheet
1Mb / 32P
   36-Mbit (1M 횞 36/2M 횞 18) Flow-Through SRAM (With ECC)
CY7C1460BV25 CYPRESS-CY7C1460BV25 Datasheet
721Kb / 30P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined SRAM with NoBL??Architecture
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com