Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CY7C1663KV18 Datasheet(PDF) 29 Page - Cypress Semiconductor

No. de pieza CY7C1663KV18
Descripción Electrónicos  144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1663KV18 Datasheet(HTML) 29 Page - Cypress Semiconductor

Back Button CY7C1663KV18 Datasheet HTML 23Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 24Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 25Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 26Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 27Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 28Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 29Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 30Page - Cypress Semiconductor CY7C1663KV18 Datasheet HTML 31Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Document Number: 001-44060 Rev. *O
Page 29 of 31
CY7C1663KV18/CY7C1665KV18
Document History Page
Document Title: CY7C1663KV18/CY7C1665KV18, 144-Mbit QDR® II+ SRAM Four-Word Burst Architecture (2.5 Cycle Read
Latency)
Document Number: 001-44060
Rev.
ECN No.
Submission
Date
Orig. of
Change
Description of Change
**
1910968
See ECN
VKN /
AESA
New data sheet.
*A
2556834
08/25/08
VKN /
PYRS
Updated Identification Register Definitions (Changed Revision Number (31:29)
from 001 to 000).
Updated Power Up Sequence in QDR II+ SRAM (Updated description and
Figure 4).
Updated Electrical Characteristics (Updated DC Electrical Characteristics
(Updated maximum values of IDD and ISB1 parameters)).
Updated Thermal Resistance (Replaced values of
JA and JC parameters
from TBD to respective Thermal Values for all Packages).
*B
2806011
11/12/09
VKN /
PYRS
Added Neutron Soft Error Immunity.
Updated Capacitance (Changed value of Input Capacitance (CIN) from 2 pF to
4 pF, changed value of Output Capacitance (CO) from 3 pF to 4 pF).
Updated Switching Characteristics (Changed maximum value of tCO, tCCQO,
tCHZ parameters from 370 ps to 450 ps for 550 MHz, 500 MHz and 450 MHz
frequencies, changed minimum value of tDOH, tCQOH, tCLZ parameters from
–370 ps to –450 ps for 550 MHz, 500 MHz and 450 MHz frequencies).
Updated Ordering Information (By including parts that are available, and added
disclaimer at the top of Ordering Information table).
Updated Package Diagram.
*C
2886418
03/02/2010
NJY
Updated Switching Characteristics (Changed minimum value of tHCDDR and
tHD parameters from 0.28 ns to 0.22 ns for 450 MHz frequency).
Updated Ordering Information (Removed inactive parts).
Updated links in Sales, Solutions, and Legal Information
*D
3022441
09/03/2010
NJY
Changed status from Preliminary to Final.
Added Acronyms and Units of Measure.
Updated Ordering Information (Updated part numbers) and added Ordering
Code Definitions.
Updated Sales, Solutions, and Legal Information.
*E
3239743
04/25/2011
NJY
Updated Ordering Information (Updated part numbers).
Updated to new template.
*F
3275033
06/06/2011
NJY
No technical updates.
*G
3428176
11/02/2011
PRIT
Updated Ordering Information (Updated part numbers).
Updated Package Diagram.
*H
3456591
12/06/2011
PRIT
Updated Ordering Information (Updated part numbers).
*I
3607032
05/03/2012 AVIA / PRIT Updated Features (Removed CY7C1661KV18, CY7C1676KV18 related
information).
Updated Configurations (Removed CY7C1661KV18, CY7C1676KV18 related
information).
Updated Functional Description (Removed CY7C1661KV18, CY7C1676KV18
related information).
Updated Selection Guide (Removed 500 MHz and 400 MHz frequencies
related information, removed CY7C1661KV18, CY7C1676KV18 related
information).
Removed Logic Block Diagram – CY7C1661KV18.
Removed Logic Block Diagram – CY7C1676KV18.
Updated Pin Configurations (Removed CY7C1661KV18, CY7C1676KV18
related information).
Updated Pin Definitions (Removed CY7C1661KV18, CY7C1676KV18 related
information).


Número de pieza similar - CY7C1663KV18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY7C166 CYPRESS-CY7C166 Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166 CYPRESS-CY7C166 Datasheet
266Kb / 9P
   16K x 4 Static RAM
CY7C166-15PC CYPRESS-CY7C166-15PC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
171Kb / 9P
   16K x 4 Static RAM
CY7C166-15VC CYPRESS-CY7C166-15VC Datasheet
266Kb / 9P
   16K x 4 Static RAM
More results

Descripción similar - CY7C1663KV18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY7C1643KV18 CYPRESS-CY7C1643KV18 Datasheet
861Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
CY7C2663KV18 CYPRESS-CY7C2663KV18 Datasheet
871Kb / 31P
   144-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency) with ODT
CY7C15632KV18 CYPRESS-CY7C15632KV18_12 Datasheet
783Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1161KV18 CYPRESS-CY7C1161KV18 Datasheet
881Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263KV18 CYPRESS-CY7C1263KV18_12 Datasheet
887Kb / 30P
   36-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C15632KV18 CYPRESS-CY7C15632KV18 Datasheet
760Kb / 30P
   72-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18_12 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1263XV18 CYPRESS-CY7C1263XV18 Datasheet
1Mb / 30P
   36-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1563XV18 CYPRESS-CY7C1563XV18 Datasheet
1Mb / 29P
   72-Mbit QDR짰 II Xtreme SRAM Four-Word Burst Architecture (2.5 Cycle Read Latency)
CY7C1143KV18 CYPRESS-CY7C1143KV18 Datasheet
619Kb / 29P
   18-Mbit QDR짰 II SRAM Four-Word Burst Architecture (2.0 Cycle Read Latency)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com