Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


LMZ7-SW57 Datasheet(Hoja de datos) 3 Page - Lumileds Lighting Company

No. de Pieza. LMZ7-SW57
Descripción  Best combination of brightness, uniformity and luminance enabling precision light control
Descarga  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  LUMILEDS [Lumileds Lighting Company]
Página de inicio  http://www.luxeon.com
Logo 

 
 3 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
2
General Product Information
Product Test Conditions
LUXEON MZ LEDs are tested and binned with a drive current of 700mA for LUXEON MZ 12V, 1400mA for LUXEON MZ 6V and
2800mA for LUXEON M 3V at a junction temperature, T
j, of 85ºC.
Part Number Nomenclature
Part numbers for LUXEON MZ follow the convention below:
L M Z
A B C D D E E E E
Where:
A
– designates minimum CRI (7=70, 8=80, 9=90CRI, 0=Royal Blue)
B
– designates voltage (S=12V, R=6V, Q=3V)
C
– designates color (W=White, R=Royal Blue)
D D
– designates CCT (27=2700K, 30=3000K, 35=3500K, 40=4000K, 50=5000K, 57=5700K,
65=6500K , 00=Royal Blue)
E E E E – designates minimum flux lumen (optional)
Therefore, the following part number is used for a white LUXEON MZ 12V 3000K 80CRI:
L M Z
8 S W 3 0 x x x x
Lumen Maintenance
Please contact your local Sales Representative or Lumileds Technical Solutions Manager for more information about the long-
term performance of this product.
Environmental Compliance
Lumileds LLC is committed to providing environmentally friendly products to the solid-state lighting market. LUXEON MZ is
compliant to the European Union directives on the restriction of hazardous substances in electronic equipment, namely the
RoHS Directive 2011/65/EU and REACH Regulation (EC) 1907/2006. Lumileds LLC will not intentionally add the following restricted
materials to its products: lead, mercury, cadmium, hexavalent chromium, polybrominated biphenyls (PBB) or polybrominated
diphenyl ethers (PBDE).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl