Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ7-SW65 Datasheet(PDF) 17 Page - Lumileds Lighting Company

No. de pieza LMZ7-SW65
Descripción Electrónicos  Best combination of brightness, uniformity and luminance enabling precision light control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMILEDS [Lumileds Lighting Company]
Página de inicio  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ7-SW65 Datasheet(HTML) 17 Page - Lumileds Lighting Company

Back Button LMZ7-SW65 Datasheet HTML 13Page - Lumileds Lighting Company LMZ7-SW65 Datasheet HTML 14Page - Lumileds Lighting Company LMZ7-SW65 Datasheet HTML 15Page - Lumileds Lighting Company LMZ7-SW65 Datasheet HTML 16Page - Lumileds Lighting Company LMZ7-SW65 Datasheet HTML 17Page - Lumileds Lighting Company LMZ7-SW65 Datasheet HTML 18Page - Lumileds Lighting Company LMZ7-SW65 Datasheet HTML 19Page - Lumileds Lighting Company LMZ7-SW65 Datasheet HTML 20Page - Lumileds Lighting Company LMZ7-SW65 Datasheet HTML 21Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
16
Reflow Soldering Guidelines
Table 10. Reflow profile characteristics for LUXEON MZ.
PROFILE FEATURE
LEAD-FREE ASSEMBLY
Preheat Minimum Temperature (T
smin)
150°C
Preheat Maximum Temperature (T
smax)
200°C
Preheat Time (t
smin to tsmax)
60 to 120 seconds
Ramp-Up Rate (T
smax to Tp)
3°C / second maximum
Liquidus Temperature (T
L)
217°C
Time Maintained Above Temperature T
L (tL)
60 to 150 seconds
Peak / Classification Temperature (T
p)
260°C
Time Within 5°C of Actual Temperature (t
p)
20 to 40 seconds
Ramp-Down Rate
6°C / second maximum
Time 25°C to Peak Temperature
8 minutes maximum
JEDEC Moisture Sensitivity
Table 11 . Moisture sensitivity levels for LUXEON MZ .
LEVEL
FLOOR LIFE
SOAK REQUIREMENTS STANDARD
TIME
CONDITIONS
TIME
CONDITIONS
1
Unlimited
≤30°C / 85% RH
168 Hours +5 / -0
85°C / 85% RH
Figure 9: Visualization of the acceptable reflow temperature profile as specified in Table 10.
T
p
T
L
25
Time 25ºC to Peak
JEDEC J-STD-020D
Critical Zone
T
L to Tp
t
L
t
p
Ramp-up
Ramp-down
Time
t
s
Preheat Area
T
smax
T
smin


Número de pieza similar - LMZ7-SW65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lumileds Lighting Compa...
LMZ7-SW65 LUMILEDS-LMZ7-SW65 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

Descripción similar - LMZ7-SW65

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com