Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LMZ8-SW50 Datasheet(PDF) 14 Page - Lumileds Lighting Company

No. de pieza LMZ8-SW50
Descripción Electrónicos  Best combination of brightness, uniformity and luminance enabling precision light control
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  LUMILEDS [Lumileds Lighting Company]
Página de inicio  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LMZ8-SW50 Datasheet(HTML) 14 Page - Lumileds Lighting Company

Back Button LMZ8-SW50 Datasheet HTML 10Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 11Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 12Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 13Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 14Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 15Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 16Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 17Page - Lumileds Lighting Company LMZ8-SW50 Datasheet HTML 18Page - Lumileds Lighting Company Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
DS136 LUXEON MZ Product Datasheet 20151125 ©2015 Lumileds Holding B.V. All rights reserved.
13
Luminous Flux Bins
Table 5 lists the standard photometric luminous flux bins for LUXEON MZ emitters. Although several bins are outlined, product
availability in a particular bin varies by production run and by product performance. Not all bins are available in all CCTs.
Table 5. Luminous flux bin definitions for LUXEON MZ White.
BIN
LUMINOUS FLUX (lm)
MINIMUM
MAXIMUM
K
550
590
L
590
630
M
630
680
N
680
730
P
730
780
Q
780
840
R
840
900
S
900
970
T
970
1040
U
1040
1120
V
1120
1200
W
1200
1290
Notes for Table 5:
1. Lumileds maintains a tolerance of ±6.5% on luminous flux measurements.
Radiometric Power Bins
Table 6. Radiometric power bin definitions for LUXEON MZ Royal Blue.
BIN
RADIOMETRIC POWER (mW)
MINIMUM
MAXIMUM
3
3500
3600
4
3600
3800
5
3800
4000
A
4000
4200
B
4200
4400
Notes for Table 6:
1. Lumileds maintains a tolerance of ±6.5% on radiometric power measurements.


Número de pieza similar - LMZ8-SW50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lumileds Lighting Compa...
LMZ8-SW50 LUMILEDS-LMZ8-SW50 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
More results

Descripción similar - LMZ8-SW50

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Lumileds Lighting Compa...
PB136 LUMILEDS-PB136 Datasheet
1Mb / 2P
   Best combination of brightness, uniformity and luminance enabling precision light control
LMZ7-SW40 LUMILEDS-LMZ7-SW40 Datasheet
2Mb / 18P
   Best combination of brightness, uniformity and luminance enabling precision light control
logo
List of Unclassifed Man...
TBA560C ETC1-TBA560C Datasheet
252Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
National Semiconductor ...
TBA560C NSC-TBA560C Datasheet
294Kb / 4P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Fairchild Semiconductor
TDA2560 FAIRCHILD-TDA2560 Datasheet
442Kb / 8P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
TBA560C FAIRCHILD-TBA560C Datasheet
334Kb / 5P
   LUMINANCE AND CHROMINANCE CONTROL COMBINATION
logo
Ledil, Inc.
C14165 LEDIL-C14165 Datasheet
4Mb / 17P
   Beam with excellent longitudinal luminance uniformity
logo
NXP Semiconductors
TCA660B PHILIPS-TCA660B Datasheet
391Kb / 9P
   CONTRAST, SATURATION AND BRIGHTNESS CONTROL CIRCUIT FOR COLOUR DIFFERENCE AND LUMINANCE SIGNALS
November 1976
logo
Lumileds Lighting Compa...
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
Ledil, Inc.
CA13837 LEDIL-CA13837 Datasheet
4Mb / 5P
   Universal road lighting beam with excellent mixed illuminance and luminance uniformity.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com