Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KTX511T Datasheet(PDF) 4 Page - KEC(Korea Electronics)

No. de pieza KTX511T
Descripción Electrónicos  EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  KEC [KEC(Korea Electronics)]
Página de inicio  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX511T Datasheet(HTML) 4 Page - KEC(Korea Electronics)

  KTX511T Datasheet HTML 1Page - KEC(Korea Electronics) KTX511T Datasheet HTML 2Page - KEC(Korea Electronics) KTX511T Datasheet HTML 3Page - KEC(Korea Electronics) KTX511T Datasheet HTML 4Page - KEC(Korea Electronics) KTX511T Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2002. 1. 24
4/5
KTX511T
Revision No : 1
COLLECTOR-BASE VOLTAGE V
(V)
CB
COLLECTOR CURRENT I
(A)
C
AMBIENT TEMPERATURE Ta ( C)
0
0
Pc - Ta
20
40
60
80
100
120
140 160
0.2
0.4
0.6
0.8
1.0
1.2
1.4
MOUNTED ON A
MOUNTED ON A CERAMIC BOARD
CERAMIC BOARD
(600mm
0.8mm)
C
- V
ob
CB
-0.1
-0.3
-1
-10
-30
-3
30
1K
f - I
T
C
50
100
300
500
-0.01
-0.03
-0.1
-1
-3
-0.3
V
=-2V
f=1MHz
CE
3
100
5
10
30
50
-1
-3
-5
-30
-10
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
SAFE OPERATING AREA
-0.01
-0.03
-0.05
-0.1
-0.3
-0.5
-1
-3
-5
SINGLE NONREPETITIVE
PULSE Ta=25 C
CURVES MUST BE DERATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I MAX.(PULSED)
C
I MAX
(CONTINUOUS)
C
100mS*
10mS*
1mS*
DC
O
PERATION
2
(600mm
0.8mm)
2
REVERSE VOLTAGE V
(V)
R
I
- V
RR
I - V
F
FORWARD VOLTAGE V
(V)
FF
0.001
0
100
200
300
400
500
2
10
0.01
0.1
1
10
3
10
Ta=25 C
0
1
5
3
5
10
30
50
Ta=25 C
10
15
20
25
30
D (SBD)
1


Número de pieza similar - KTX511T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTX512T KEC-KTX512T Datasheet
108Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
More results

Descripción similar - KTX511T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
KEC(Korea Electronics)
KTX512T KEC-KTX512T Datasheet
108Kb / 5P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE
KTX311T KEC-KTX311T Datasheet
56Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX312T KEC-KTX312T Datasheet
827Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SILICON EPITAXIAL PLANAR TYPE DIODE
KTX303U KEC-KTX303U Datasheet
403Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (SWITCHING, LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Toshiba Semiconductor
1SS378 TOSHIBA-1SS378_14 Datasheet
217Kb / 3P
   TOSHIBA Diode Silicon Epitaxial Planar Schottky Barrier Type
logo
KEC(Korea Electronics)
KTX302U KEC-KTX302U Datasheet
406Kb / 4P
   EPITAXIAL PLANAR PNP TRANSISTOR SCHOTTKY BARRIER TYPE DIODE (GENERAL PURPOSE, LOW VOLTAGE HIGH SPEED SWITCHING)
logo
Sanyo Semicon Device
MCH6731 SANYO-MCH6731 Datasheet
51Kb / 5P
   PNP Epitaxial Planar Silicon Transistor Schottky Barrier Diode DC / DC Converter Applications
logo
SEMTECH ELECTRONICS LTD...
SDB720WS SEMTECH_ELEC-SDB720WS Datasheet
172Kb / 2P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SDB720WT SEMTECH_ELEC-SDB720WT Datasheet
195Kb / 3P
   SILICON EPITAXIAL PLANAR SCHOTTKY BARRIER DIODE
SB425D SEMTECH_ELEC-SB425D Datasheet
119Kb / 1P
   Silicon Epitaxial Planar Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com