Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M64895BFP Datasheet(PDF) 6 Page - Mitsubishi Electric Semiconductor |
|
M64895BFP Datasheet(HTML) 6 Page - Mitsubishi Electric Semiconductor |
6 / 6 page MITSUBISHI ICS (TV) M64895BFP/GP I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR 6 APPLICATION EXAMPLE BT BUILT-IN PLL TUNER 1000pF 4-BAND TUNER UHF VHF Vcc1 to 12V +5V MCU 16 11 10 9 4 3 14 13 12 4MHz M64895B IF AGC 18pF 1.5nF 56k ∗100pF 2.2nF 15 - 10 µF 56k +33V BS4 BS3 BS2 BS1 Vcc2 fin Vin Vtu Vcc3 GND Xin SDA SCL ADS LOCK Vcc1 1nF 1nF 1nF 2 0.1 µF +B 5 6 7 8 1 Lo BS1 BS2 BS3 BS4 VT IF AGC AFT Units Resistance : Ω Capacitance : F Note) Filter constant is ∗ Add a capacitor to stabilize for reference. the filter circuit. |
Número de pieza similar - M64895BFP |
|
Descripción similar - M64895BFP |