Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCYTWTG-AXAY-5F-Z486 Datasheet(PDF) 8 Page - OSRAM GmbH

No. de pieza LCYTWTG-AXAY-5F-Z486
Descripción Electrónicos  TOPLED Black Surface
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OSRAM [OSRAM GmbH]
Página de inicio  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYTWTG-AXAY-5F-Z486 Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LCYTWTG-AXAY-5F-Z486 Datasheet HTML 4Page - OSRAM GmbH LCYTWTG-AXAY-5F-Z486 Datasheet HTML 5Page - OSRAM GmbH LCYTWTG-AXAY-5F-Z486 Datasheet HTML 6Page - OSRAM GmbH LCYTWTG-AXAY-5F-Z486 Datasheet HTML 7Page - OSRAM GmbH LCYTWTG-AXAY-5F-Z486 Datasheet HTML 8Page - OSRAM GmbH LCYTWTG-AXAY-5F-Z486 Datasheet HTML 9Page - OSRAM GmbH LCYTWTG-AXAY-5F-Z486 Datasheet HTML 10Page - OSRAM GmbH LCYTWTG-AXAY-5F-Z486 Datasheet HTML 11Page - OSRAM GmbH LCYTWTG-AXAY-5F-Z486 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
2016-11-03
8
Version 1.2
LCY TWTG
Relative Spectral Emission - V(λ) = Standard eye response curve 7) page 22
Relative spektrale Emission - V(λ) = spektrale Augenempfindlichkeit 7) Seite 22
Irel = f (λ); TS = 25 °C; IF = 20 mA
Radiation Characteristics 7) page 22
Abstrahlcharakteristik 7) Seite 22
Irel = f (ϕ); TS = 25 °C
LCY TWTG
350
400
450
500
550
600
650
700
750
800
λ [nm]
0,0
0,2
0,4
0,6
0,8
1,0
Φrel
: Vλ
: CoD Chrystal yellow
LCY TWTG
-100°
-90°
-80°
-70°
-60°
-50°
-40°
-30°
-20°
-10°
10°
20°
30°
40°
50°
60°
70°
80°
90°
ϕ [°]
0,0
0,2
0,4
0,6
0,8
1,0
Irel


Número de pieza similar - LCYTWTG-AXAY-5F-Z486

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M-System Co.,Ltd.
LCY MSYSTEM-LCY Datasheet
114Kb / 3P
   Power Transducer Series L-UNIT
logo
Sharp Corporation
LCY-01019 SHARP-LCY-01019 Datasheet
813Kb / 28P
   Color TFT LCD Module
logo
M-System Co.,Ltd.
LCY-110-B MSYSTEM-LCY-110-B Datasheet
114Kb / 3P
   Power Transducer Series L-UNIT
LCY-110-B/Q MSYSTEM-LCY-110-B/Q Datasheet
114Kb / 3P
   Power Transducer Series L-UNIT
LCY-110-C MSYSTEM-LCY-110-C Datasheet
114Kb / 3P
   Power Transducer Series L-UNIT
More results

Descripción similar - LCYTWTG-AXAY-5F-Z486

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OSRAM GmbH
LAT68B OSRAM-LAT68B Datasheet
523Kb / 20P
   TOPLED Black Surface
LTT66G OSRAM-LTT66G Datasheet
1Mb / 22P
   TOPLED Black
LTT64G OSRAM-LTT64G Datasheet
1Mb / 24P
   TOPLED Black
LBT64G OSRAM-LBT64G Datasheet
714Kb / 24P
   TOPLED Black
LVT64G OSRAM-LVT64G Datasheet
2Mb / 24P
   TOPLED Black
LST67B OSRAM-LST67B Datasheet
438Kb / 19P
   TOPLED
LST67D OSRAM-LST67D Datasheet
756Kb / 20P
   TOPLED
LWTVSG.CB OSRAM-LWTVSG.CB Datasheet
724Kb / 24P
   TOPLED
LST67F OSRAM-LST67F Datasheet
493Kb / 20P
   TOPLED
LW-T67C-S2V1-5K8L OSRAM-LW-T67C-S2V1-5K8L Datasheet
610Kb / 23P
   TOPLED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com