Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Si1012X Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza Si1012X
Descripción Electrónicos  N-Channel 1.8 V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Si1012X Datasheet(HTML) 4 Page - Vishay Siliconix

  Si1012X Datasheet HTML 1Page - Vishay Siliconix Si1012X Datasheet HTML 2Page - Vishay Siliconix Si1012X Datasheet HTML 3Page - Vishay Siliconix Si1012X Datasheet HTML 4Page - Vishay Siliconix Si1012X Datasheet HTML 5Page - Vishay Siliconix Si1012X Datasheet HTML 6Page - Vishay Siliconix Si1012X Datasheet HTML 7Page - Vishay Siliconix Si1012X Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Vishay Siliconix
Si1012R, Si1012X
www.vishay.com
4
Document Number: 71166
S13-0786-Rev. E, 15-Apr-13
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For technical questions, contact: pmostechsupport@vishay.com
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Source-Drain Diode Forward Voltage
Threshold Voltage Variance vs. Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1000
1
VSD - Source-to-Drain Voltage (V)
TJ = 125 °C
TJ = 25 °C
10
100
TJ = - 55 °C
- 0.3
- 0.2
- 0.1
0
0.1
0.2
0.3
- 50
- 25
0
25
50
75
100
125
ID = 0.25 mA
TJ - Temperature (°C)
On-Resistance vs. Gate-to-Source Voltage
IGSS vs. Temperature
0
1
2
3
4
5
0123456
ID = 350 mA
VGS - Gate-to-Source Voltage (V)
ID = 200 mA
0.0
0.5
1.0
1.5
2.0
2.5
3.0
- 50
- 25
0
25
50
75
100
125
TJ - Temperature (°C)
VGS = 4.5 V
BVGSS vs. Temperature
0
1
2
3
4
5
6
7
- 50
- 25
0
25
50
75
100
125
TJ - Temperature (°C)


Número de pieza similar - Si1012X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1012X VISHAY-SI1012X Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012X VISHAY-SI1012X Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
SI1012X VISHAY-SI1012X Datasheet
108Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Jul-08
SI1012X VISHAY-SI1012X Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
SI1012X VISHAY-SI1012X Datasheet
235Kb / 11P
   N-Channel 1.8 V (G-S) MOSFET
Rev. E, 15-Apr-13
More results

Descripción similar - Si1012X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
Rev. B, 28-Feb-05
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G Datasheet
341Kb / 6P
   N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
   N-Channel 1.8 V (G-S) MOSFET
Rev. D, 25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
   N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com