Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1013R Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI1013R
Descripción Electrónicos  P-Channel 1.8 V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1013R Datasheet(HTML) 1 Page - Vishay Siliconix

  SI1013R Datasheet HTML 1Page - Vishay Siliconix SI1013R Datasheet HTML 2Page - Vishay Siliconix SI1013R Datasheet HTML 3Page - Vishay Siliconix SI1013R Datasheet HTML 4Page - Vishay Siliconix SI1013R Datasheet HTML 5Page - Vishay Siliconix SI1013R Datasheet HTML 6Page - Vishay Siliconix SI1013R Datasheet HTML 7Page - Vishay Siliconix SI1013R Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si1013R/X
Document Number: 71167
S10-2432-Rev. D, 25-Oct-10
www.vishay.com
1
P-Channel 1.8 V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
High-Side Switching
Low On-Resistance: 1.2
Low Threshold: 0.8 V (Typ.)
Fast Switching Speed: 14 ns
1.8 V Operation
•TrenchFET® Power MOSFETs
2000 V ESD Protection
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Drivers: Relays, Solenoids, Lamps, Hammers, Displays,
Memories
Battery Operated Systems
Power Supply Converter Circuits
Load/Power Switching Cell Phones, Pagers
BENEFITS
Ease in Driving Switches
Low Offset (Error) Voltage
Low-Voltage Operation
High-Speed Circuits
Low Battery Voltage Operation
PRODUCT SUMMARY
VDS (V)
RDS(on) ()ID (mA)
- 20
1.2 at VGS = - 4.5 V
- 350
1.6 at VGS = - 2.5 V
- 300
2.7 at VGS = - 1.8 V
- 150
Notes:
a. Pulse width limited by maximum junction temperature.
b. Surface mounted on FR4 board.
SC-75A or SC-89
Top View
2
1
S
D
G
3
Ordering Information:
Si1013R-T1-GE3 (SC-75A, Lead (Pb)-free and Halogen-free)
Si1013X-T1-GE3 (SC-89, Lead (Pb)-free and Halogen-free)
SC-75A (SOT-416):
Si1013R - Marking Code D
SC-89 (SOT-490):
Si1013X - Marking Code B
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
5 s
Steady State
Unit
Drain-Source Voltage
VDS
- 20
V
Gate-Source Voltage
VGS
± 6
Continuous Drain Current (TJ = 150 °C)
b
TA = 25 °C
ID
- 400
- 350
mA
TA = 85 °C
- 300
- 275
Pulsed Drain Currenta
IDM
- 1000
Continuous Source Current (Diode Conduction)b
IS
- 275
- 250
Maximum Power Dissipationb for SC-75
TA = 25 °C
PD
175
150
mW
TA = 85 °C
90
80
Maximum Power Dissipationb for SC-89
TA = 25 °C
275
250
TA = 85 °C
160
140
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Gate-Source ESD Rating (HBM, Method 3015)
ESD
2000
V


Número de pieza similar - SI1013R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1013R VISHAY-SI1013R Datasheet
44Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 25-Oct-00
SI1013R VISHAY-SI1013R Datasheet
94Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
S-81444-Rev. C, 23-Jun-08
SI1013R-T1-E3 VISHAY-SI1013R-T1-E3 Datasheet
94Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
S-81444-Rev. C, 23-Jun-08
SI1013R-T1-GE3 VISHAY-SI1013R-T1-GE3 Datasheet
94Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
S-81444-Rev. C, 23-Jun-08
SI1013R/X VISHAY-SI1013R/X Datasheet
156Kb / 8P
   P-Channel 1.8 V (G-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI1013R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
SI1407DL VISHAY-SI1407DL Datasheet
64Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 17-Jul-00
SI1305DL VISHAY-SI1305DL_08 Datasheet
109Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
S-51075-Rev. D, 13-Jun-05
logo
Leshan Radio Company
LSI1013XT1G LRC-LSI1013XT1G Datasheet
371Kb / 6P
   P-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI6467BDQ-T1-E3 VISHAY-SI6467BDQ-T1-E3 Datasheet
208Kb / 11P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 31-Mar-08
SI2315BDS VISHAY-SI2315BDS_V01 Datasheet
181Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com