Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI7948DP Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI7948DP
Descripción Electrónicos  Dual N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7948DP Datasheet(HTML) 1 Page - Vishay Siliconix

  SI7948DP Datasheet HTML 1Page - Vishay Siliconix SI7948DP Datasheet HTML 2Page - Vishay Siliconix SI7948DP Datasheet HTML 3Page - Vishay Siliconix SI7948DP Datasheet HTML 4Page - Vishay Siliconix SI7948DP Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FEATURES
D TrenchFETr Power MOSFET
D New Low Thermal Resistance PowerPAKr Package
D Dual MOSFET for Space Savings
APPLICATIONS
D Automotive
- ABS
- Coil Driver
- Load Switch
Si7948DP
Vishay Siliconix
New Product
Document Number: 72403
S-31867—Rev. A, 15-Sep-03
www.vishay.com
1
Dual N-Channel 60-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
60
0.075 @ VGS = 10 V
4.6
60
0.100 @ VGS = 4.5 V
4.0
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
1
2
3
4
5
6
7
8
S1
G1
S2
G2
D1
D1
D2
D2
6.15 mm
5.15 mm
Bottom View
PowerPAKr SO-8
Ordering Information: Si7948DP-T1
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
10 secs
Steady State
Unit
Drain-Source Voltage
VDS
60
V
Gate-Source Voltage
VGS
"20
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
4.6
3.0
Continuous Drain Current (TJ = 150_C)a
TA = 70_C
ID
3.6
2.4
Pulsed Drain Current
IDM
15
A
Continuous Source Current (Diode Conduction)a
IS
2.7
1.2
Single Avalanche Current
L = 0.1 mH
IAS
15
Single Avalanche Energy
EAS
11
mJ
Maximum Power Dissipationa
TA = 25_C
PD
3.3
1.4
W
Maximum Power Dissipationa
TA = 70_C
PD
2.1
0.9
W
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to 150
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 10 sec
R
29
38
Maximum Junction-to-Ambienta
Steady State
RthJA
60
85
_C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
4.0
5.2
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.


Número de pieza similar - SI7948DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7948DP VISHAY-SI7948DP Datasheet
96Kb / 6P
   Dual N-Channel 60-V (D-S) MOSFET
01-Jan-2022
SI7948DP VISHAY-SI7948DP_V01 Datasheet
96Kb / 6P
   Dual N-Channel 60-V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI7948DP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Power
AMA960N ANALOGPOWER-AMA960N Datasheet
354Kb / 5P
   Dual N-Channel 60-V (D-S) MOSFET
AM7962N ANALOGPOWER-AM7962N Datasheet
69Kb / 2P
   Dual N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI9945BDY VISHAY-SI9945BDY Datasheet
271Kb / 10P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 02-Mar-09
logo
VBsemi Electronics Co.,...
2N7002KDW VBSEMI-2N7002KDW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
VBK362K VBSEMI-VBK362K Datasheet
494Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
SI1926DL-T1-GE3 VBSEMI-SI1926DL-T1-GE3 Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI1926DL VISHAY-SI1926DL_V01 Datasheet
252Kb / 11P
   Dual N-Channel 60 V (D-S) MOSFET
01-Jan-2022
logo
VBsemi Electronics Co.,...
435YW VBSEMI-435YW Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K31NTN VBSEMI-UM6K31NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
UM6K33NTN VBSEMI-UM6K33NTN Datasheet
945Kb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SIS9634LDN VISHAY-SIS9634LDN Datasheet
209Kb / 7P
   Dual N-Channel 60-V (D-S) MOSFET
Rev. A, 26-Sep-2022
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com