Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TC58FVB160AFT-70 Datasheet(PDF) 11 Page - Toshiba Semiconductor

No. de pieza TC58FVB160AFT-70
Descripción Electrónicos  TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOSHIBA [Toshiba Semiconductor]
Página de inicio  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC58FVB160AFT-70 Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC58FVB160AFT-70 Datasheet HTML 7Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 8Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 9Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 10Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 11Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 12Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 13Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 14Page - Toshiba Semiconductor TC58FVB160AFT-70 Datasheet HTML 15Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
TC58FVT160/B160AFT/AXB-70,-10
2002-08-06
11/41
Hidden ROM Area
The TC58FVT160/B160A features a 64-Kbyte hidden ROM area which is separate from the memory cells. The
area consists of one block. Data Read, Write and Protect can be performed on this block. Because Protect cannot
be released, once the block is protected, data in the block cannot be overwritten.
The hidden ROM area is located in the address space indicated in the HIDDEN ROM AREA ADDRESS
TABLE. To access the Hidden ROM area, input a Hidden ROM Mode Entry command. The device now enters
Hidden ROM Mode, allowing Read, Write, Erase and Block Protect to be executed. Write and Erase operations
are the same as auto operations except that the device is in Hidden ROM Mode. To protect the hidden ROM area,
use the block protection function. The operation of Block Protect here is the same as a normal Block Protect
except that VIH rather than VID is input to RESET . Once the block has been protected, protection cannot be
released, even using the temporary block unprotection function. Use Block Protect carefully.
To exit Hidden ROM Mode, use the Hidden ROM Mode Exit command. This will return the device to Read
Mode.
HIDDEN ROM AREA ADDRESS TABLE
BYTE MODE
WORD MODE
TYPE
BOOT BLOCK
ARCHITECTURE
ADDRESS RANGE
SIZE
ADDRESS RANGE
SIZE
TC58FVT160A
TOP BOOT BLOCK
1F0000H~1FFFFFH
64 Kbytes
F8000H~FFFFFH
32 Kwords
TC58FVB160A
BOTTOM BOOT BLOCK
000000H~00FFFFH
64 Kbytes
000000H~007FFFH
32 Kwords


Número de pieza similar - TC58FVB160AFT-70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC58FVB160AFT-70 TOSHIBA-TC58FVB160AFT-70 Datasheet
539Kb / 41P
   16-MBIT (2M x 8 BITS / 1M x 16 BITS) CMOS FLASH MEMORY
More results

Descripción similar - TC58FVB160AFT-70

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC58FVM5T2AFT65 TOSHIBA-TC58FVM5T2AFT65 Datasheet
799Kb / 63P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VD1618FF-133 TOSHIBA-TC55VD1618FF-133 Datasheet
888Kb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NYG0S3EBAI4 TOSHIBA-TC58NYG0S3EBAI4 Datasheet
487Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC554161AFTI-70 TOSHIBA-TC554161AFTI-70 Datasheet
142Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55VEM208ASTN55 TOSHIBA-TC55VEM208ASTN55 Datasheet
173Kb / 11P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58NVG0S3ETA00 TOSHIBA-TC58NVG0S3ETA00 Datasheet
486Kb / 65P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC58FVM6B2ATG-65 TOSHIBA-TC58FVM6B2ATG-65 Datasheet
531Kb / 62P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8512FTI-12 TOSHIBA-TC55V8512FTI-12 Datasheet
170Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V4366FF-133 TOSHIBA-TC55V4366FF-133 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V8128BFT-12 TOSHIBA-TC55V8128BFT-12 Datasheet
373Kb / 10P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
TC55V2325FF-100 TOSHIBA-TC55V2325FF-100 Datasheet
1Mb / 20P
   TOSHIBA MOS DIGITAL INTEGRATED CIRCUIT SILICON GATE CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com