Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ST180C20C3 Datasheet(PDF) 6 Page - International Rectifier |
|
ST180C20C3 Datasheet(HTML) 6 Page - International Rectifier |
6 / 7 page ST180C..C Series 6 www.irf.com Bulletin I25164 rev. C 02/00 Fig. 7 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled Fig. 3 - Current Ratings Characteristics Fig. 4 - Current Ratings Characteristics Fig. 5- On-state Power Loss Characteristics Fig. 6- On-state Power Loss Characteristics Fig. 8 - Maximum Non-Repetitive Surge Current Single and Double Side Cooled Average On-state Current (A) Average On-state Current (A) Average On-state Current (A) Average On-state Current (A) Number Of Equal Amplitude Half Cycle Current Pulses (N) Pulse Train Duration (s) 20 30 40 50 60 70 80 90 100 110 120 130 0 50 100 150 200 250 300 350 400 450 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Angle ST180C..C Series (Double Side Cooled) R (DC) = 0.08 K/W thJ-hs 20 30 40 50 60 70 80 90 100 110 120 130 0 100 200 300 400 500 600 700 DC 30˚ 60˚ 90˚ 120˚ 180˚ Conduction Period ST180C..C Series (Double Side Cooled) R (DC) = 0.08 K/W thJ-hs 0 100 200 300 400 500 600 700 800 900 1000 0 50 100 150 200 250 300 350 400 450 180˚ 120˚ 90˚ 60˚ 30˚ RMS Limit Conduction Angle ST180C..C Series T = 125˚C J 0 100 200 300 400 500 600 700 800 900 1000 1100 1200 1300 0 100 200 300 400 500 600 700 DC 180˚ 120˚ 90˚ 60˚ 30˚ RMS Limit Conduction Period ST180C..C Series T = 125˚C J 2000 2500 3000 3500 4000 4500 1 10 100 Initial T = 125˚C @ 60 Hz 0.0083 s @ 50 Hz 0.0100 s J ST180C..C Series At Any Rated Load Condition And With Rated V Applied Following Surge. RRM 2000 2500 3000 3500 4000 4500 5000 0.01 0.1 1 Versus Pulse Train Duration. Control Of Conduction May Not Be Maintained. ST180C..C Series Maximum Non Repetitive Surge Current Initial T = 125˚C No Voltage Reapplied Rated V Reapplied RRM J |
Número de pieza similar - ST180C20C3 |
|
Descripción similar - ST180C20C3 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |