Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS1611A Datasheet(PDF) 10 Page - Cirrus Logic

No. de pieza CS1611A
Descripción Electrónicos  TRIAC Dimmable LED Driver IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CIRRUS [Cirrus Logic]
Página de inicio  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS1611A Datasheet(HTML) 10 Page - Cirrus Logic

Back Button CS1611A Datasheet HTML 6Page - Cirrus Logic CS1611A Datasheet HTML 7Page - Cirrus Logic CS1611A Datasheet HTML 8Page - Cirrus Logic CS1611A Datasheet HTML 9Page - Cirrus Logic CS1611A Datasheet HTML 10Page - Cirrus Logic CS1611A Datasheet HTML 11Page - Cirrus Logic CS1611A Datasheet HTML 12Page - Cirrus Logic CS1611A Datasheet HTML 13Page - Cirrus Logic CS1611A Datasheet HTML 14Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
CS1610A/11A
CS1612A/13A
10
DS976PP4
5.4.1
Maximum Peak Current
The maximum boost inductor peak current is set using
external resistor RIPK on pin IPK, which is sampled
periodically by an ADC. Maximum power output is proportional
to peak current code IPK(code). See Equation 1:
where,
= a correction term of 0.55
Vrms(typ) = nominal operating input RMS voltage
IPK(BST) = peak current code IPK(code) 4.1mA
Resistor RIPK is calculated using peak current code IPK(code).
See Equation 2:
5.4.2
Output BSTOUT Sense & Input IAC
Sense
A current proportional to boost output voltage VBST is supplied
to the IC on pin BSTOUT and is used as a feedback control
signal (see Figure 12). The ADC is used to measure the
magnitude of current IBSTOUT through resistor RBST. The
magnitude of current IBSTOUT is then compared to an internal
reference current Iref of 133A.
Resistor RBST sets the feedback current at the nominal boost
output voltage. For the CS1611A/13A, resistor RBST is
calculated as shown in Equation 3:
where,
VBST = nominal boost output voltage
Iref = internal reference current
For 120VAC line voltage applications (CS1610A/12A), nominal
boost output voltage VBST is 200V, and resistor RBST is 1.5M.
By using digital loop compensation, the voltage feedback
signal does not require an external compensation network.
A current proportional to the AC input voltage is supplied to the
IC on pin IAC and is used by the boost control algorithm (see
Figure 13).
Resistor RIAC sets current IAC and is defined in Equation 4:
For optimal performance, capacitor CIAC should be connected
from pin IAC to ground in 230V circuits using the CS1611A or
CS1613A. Resistors RIAC and RBST should use 1% or better
resistors for best VBST voltage accuracy.
5.4.3
Boost Auxiliary Winding
The boost auxiliary winding is used for zero-current detection
(ZCD). The voltage on the auxiliary winding is sensed through
the BSTAUX pin of the IC. It is also used to deliver current
during steady-state operation, as mentioned in section 5.2
Startup Circuit
on page 8.
5.4.4
Boost Overvoltage Protection
The CS1610A/11A/12A/13A supports boost overvoltage
protection (BOP) to protect the bulk capacitor C8 (see
Figure 15). If the boost output voltage exceeds the
overvoltage protection thresholds of 249V for a 120V system,
or 448V for a 230V system, a BOP fault signal is generated.
The control logic continuously averages this BOP fault signal,
and if at any point in time the average exceeds a set event
threshold, the boost stage is disabled. The BOP fault
averaging algorithm sets the event threshold such that the
boost output voltage is never allowed to stay above the BOP
threshold for more than 1.6ms.
During a boost overvoltage protection event, the second stage
is kept enabled, and its dim input is railed to full scale. This
allows the second stage to dissipate the stored energy on bulk
capacitor C8 quickly, bringing down the boost output voltage
to a safe value. A visible flash on the LED might appear,
indicating that an overvoltage event has occurred. When the
boost output voltage drops to 195V for a 120V application or
368V for a 230V application, the boost stage is enabled, and
the system returns to normal operation.
PIN max

I
PK BST

Vrms typ


2
-------------------------------------------------------------
=
[Eq.1]
RIPK
4M
IPK code

-----------------------
=
[Eq.2]
VBST
CS1610 A/ 11A/ 12A/13A
15k
ADC
R8
RBST
IBSTOUT
R9
Iref
16 BSTOUT
12
Figure 12. BSTOUT Input Pin Model
RBST
VBST
Iref
--------------
400V
133
A
------------------
3M
==
[Eq.3]
R3
RIAC
IAC
I
AC
Vrect
15k
ADC
R4
2
Iref
12
CS1610 A/11A/12A/13A
CIAC
Figure 13. IAC Input Pin Model
RIAC
RBST
=
[Eq.4]


Número de pieza similar - CS1611A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS1611 APEX-CS1611 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1611 CIRRUS-CS1611 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
More results

Descripción similar - CS1611A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cirrus Logic
CS1610 APEX-CS1610 Datasheet
274Kb / 17P
   TRIAC Dimmable LED Driver IC
CS1610 CIRRUS-CS1610 Datasheet
271Kb / 16P
   TRIAC Dimmable LED Driver IC
CS1630 APEX-CS1630 Datasheet
699Kb / 56P
   2-Channel TRIAC Dimmable LED Driver IC
logo
Diodes Incorporated
AL1692K DIODES-AL1692K Datasheet
977Kb / 14P
   TRIAC DIMMABLE LED DRIVER
Rev. 2 - 2 December 2022
logo
Texas Instruments
LM3445MM TI-LM3445MM Datasheet
1Mb / 39P
[Old version datasheet]   Triac Dimmable Offline LED Driver
logo
National Semiconductor ...
LM3445 NSC-LM3445 Datasheet
1Mb / 26P
   Triac Dimmable Offline LED Driver
logo
Global Mixed-mode Techn...
G5345 GMT-G5345 Datasheet
58Kb / 1P
   Triac Dimmable Offline LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_15 Datasheet
1Mb / 42P
[Old version datasheet]   TRIAC Dimmable Offline LED Driver
logo
TE Connectivity Ltd
SSL-18W TEC-SSL-18W Datasheet
605Kb / 2P
   18W Triac Dimmable LED Driver
logo
Texas Instruments
LM3445 TI1-LM3445_14 Datasheet
1Mb / 37P
[Old version datasheet]   Triac Dimmable Offline LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com