Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM29DL640D120EEN Datasheet(PDF) 10 Page - Advanced Micro Devices

No. de pieza AM29DL640D120EEN
Descripción Electrónicos  64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMD [Advanced Micro Devices]
Página de inicio  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL640D120EEN Datasheet(HTML) 10 Page - Advanced Micro Devices

Back Button AM29DL640D120EEN Datasheet HTML 6Page - Advanced Micro Devices AM29DL640D120EEN Datasheet HTML 7Page - Advanced Micro Devices AM29DL640D120EEN Datasheet HTML 8Page - Advanced Micro Devices AM29DL640D120EEN Datasheet HTML 9Page - Advanced Micro Devices AM29DL640D120EEN Datasheet HTML 10Page - Advanced Micro Devices AM29DL640D120EEN Datasheet HTML 11Page - Advanced Micro Devices AM29DL640D120EEN Datasheet HTML 12Page - Advanced Micro Devices AM29DL640D120EEN Datasheet HTML 13Page - Advanced Micro Devices AM29DL640D120EEN Datasheet HTML 14Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
October 7, 2004
Am29DL640D
9
addresses on the device address inputs produce valid
data on the device data outputs. Each bank remains
enabled for read access until the command register
contents are altered.
Refer to the AC Read-Only Operations table for timing
specifications and to Figure 14 for the timing diagram.
I
CC1 in the DC Characteristics table represents the ac-
tive current specification for reading array data.
Writing Commands/Command Sequences
To write a command or command sequence (which in-
cludes programming data to the device and erasing
sectors of memory), the system must drive WE# and
CE# to V
IL, and OE# to VIH.
For program operations, the BYTE# pin determines
whether the device accepts program data in bytes or
words. Refer to “Word/Byte Configuration” for more
information.
The device features an Unlock Bypass mode to facili-
tate faster programming. Once a bank enters the
Unlock Bypass mode, only two write cycles are re-
quired to program a word or byte, instead of four. The
“Byte/Word Program Command Sequence” section
has details on programming data to the device using
both s t andard and U n lock By pas s c o mm and
sequences.
An erase operation can erase one sector, multiple sec-
tors, or the entire device. Table 2 indicates the address
space that each sector occupies. The device address
space is divided into four banks: Banks 1 and 4 con-
tains the boot/parameter sectors, and Banks 2 and 3
contains the larger, code sectors of uniform size. A
“bank address” is the address bits required to uniquely
select a bank. Similarly, a “sector address” is the ad-
dress bits required to uniquely select a sector. The
“Command Definitions” section has details on erasing
a sector or the entire chip, or suspending/resuming the
erase operation.
I
CC2 in the DC Characteristics table represents the ac-
tive current specification for the write mode. The AC
Characteristics section contains timing specification
tables and timing diagrams for write operations.
Accelerated Program Operation
The device offers accelerated program operations
through the ACC function. This is one of two functions
provided by the WP#/ACC pin. This function is prima-
rily intended to allow faster manufacturing throughput
at the factory.
If the system asserts V
HH on this pin, the device auto-
matically enters the aforementioned Unlock Bypass
mode, temporarily unprotects any protected sectors,
and uses the higher voltage on the pin to reduce the
time required for program operations. The system
would use a two-cycle program command sequence
as required by the Unlock Bypass mode. Removing
V
HH from the WP#/ACC pin returns the device to nor-
mal operation.
Note that VHH must not be asserted on
WP#/ACC for operations other than accelerated pro-
gramming, or device damage may result. In addition,
the WP#/ACC pin must not be left floating or uncon-
nected; inconsistent behavior of the device may result.
See “Write Protect (WP#)” on page 17 for related
information.
Autoselect Functions
If the system writes the autoselect command se-
quence, the device enters the autoselect mode. The
system can then read autoselect codes from the inter-
nal register (which is separate from the memory array)
on DQ15–DQ0. Standard read cycle timings apply in
this mode. Refer to the Autoselect Mode and Autose-
lec t Co mmand S eque nc e s e c t ion s f o r mo re
information.
Simultaneous Read/Write Operations with
Zero Latency
This device is capable of reading data from one bank
of memory while programming or erasing in the other
bank of memory. An erase operation may also be sus-
pended to read from or program to another location
with in the same ba nk (except the sector b ein g
erased). Figure 21 shows how read and write cycles
may be initiated for simultaneous operation with zero
latency. I
CC6 and ICC7 in the DC Characteristics table
represent the current specifications for read-while-pro-
gram and read-while-erase, respectively.
Standby Mode
When the system is not reading or writing to the de-
vice, it can place the device in the standby mode. In
this mode, current consumption is greatly reduced,
and the outputs are placed in the high impedance
state, independent of the OE# input.
The device enters the CMOS standby mode when the
CE# and RESET# pins are both held at V
CC ± 0.3 V.
(Note that this is a more restricted voltage range than
V
IH.) If CE# and RESET# are held at VIH, but not within
V
CC ± 0.3 V, the device will be in the standby mode,
but the standby current will be greater. The device re-
quires standard access time (t
CE) for read access
when the device is in either of these standby modes,
before it is ready to read data.
If the device is deselected during erasure or program-
ming , the device draws a ctive current until th e
operation is completed.
I
CC3 in the DC Characteristics table represents the
standby current specification.


Número de pieza similar - AM29DL640D120EEN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Micro Devices
AM29DL640D120EE AMD-AM29DL640D120EE Datasheet
1Mb / 54P
   64 Megabit (8 M x 8-Bit/4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
More results

Descripción similar - AM29DL640D120EEN

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
SPANSION
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
AM75PDL191CHHA SPANSION-AM75PDL191CHHA Datasheet
2Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191CHH_0402 SPANSION-AM75PDL191CHH_0402 Datasheet
2Mb / 136P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
AM75PDL191BHHA SPANSION-AM75PDL191BHHA Datasheet
1Mb / 129P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
S29PL127J SPANSION-S29PL127J Datasheet
1Mb / 106P
   CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL-J SPANSION-S29PL-J Datasheet
1Mb / 96P
   CMOS 3.0 Volt-only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
S29PL064J70BFI120 SPANSION-S29PL064J70BFI120 Datasheet
2Mb / 100P
   CMOS 3.0 Volt-Only, Simultaneous-Read/Write Flash Memory with Enhanced VersatileIO Control
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com