Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FM16W08 Datasheet(PDF) 7 Page - Cypress Semiconductor

No. de pieza FM16W08
Descripción Electrónicos  64-Kbit (8 K 횞 8) Wide Voltage Bytewide F-RAM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM16W08 Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button FM16W08 Datasheet HTML 3Page - Cypress Semiconductor FM16W08 Datasheet HTML 4Page - Cypress Semiconductor FM16W08 Datasheet HTML 5Page - Cypress Semiconductor FM16W08 Datasheet HTML 6Page - Cypress Semiconductor FM16W08 Datasheet HTML 7Page - Cypress Semiconductor FM16W08 Datasheet HTML 8Page - Cypress Semiconductor FM16W08 Datasheet HTML 9Page - Cypress Semiconductor FM16W08 Datasheet HTML 10Page - Cypress Semiconductor FM16W08 Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
FM16W08
Document Number: 001-86210 Rev. *F
Page 7 of 18
Maximum Ratings
Exceeding maximum ratings may shorten the useful life of the
device. These user guidelines are not tested.
Storage temperature ................................ –55
C to +125 C
Maximum accumulated storage time
At 125 °C ambient temperature ................................. 1000 h
At 85 °C ambient temperature ................................ 10 Years
Ambient temperature
with power applied ................................... –55 °C to +125 °C
Supply voltage on VDD relative to VSS ........–1.0 V to + 7.0 V
Voltage applied to outputs
in High Z state .................................... –0.5 V to VDD + 0.5 V
Input voltage .......... –1.0 V to + 7.0 V and VIN < VDD + 1.0 V
Transient voltage (< 20 ns) on
any pin to ground potential ................. –2.0 V to VCC + 2.0 V
Package power dissipation
capability (TA = 25 °C) ................................................. 1.0 W
Surface mount Pb soldering
temperature (3 seconds) ......................................... +260
C
DC output current (1 output at a time, 1s duration) .... 15 mA
Static discharge voltage
Human Body Model (AEC-Q100-002 Rev. E) ............ 4 kV
Charged Device Model (AEC-Q100-011 Rev. B) .. 1.25 kV
Machine Model (AEC-Q100-003 Rev. E) ................. 300 V
Latch-up current ................................................... > 140 mA
Operating Range
Range
Ambient Temperature (TA)
VDD
Industrial
–40
C to +85 C
2.7 V to 5.5 V
DC Electrical Characteristics
Over the Operating Range
Parameter
Description
Test Conditions
Min
Typ [1]
Max
Unit
VDD
Power supply voltage
2.7
3.3
5.5
V
IDD
VDD supply current
VDD = 5.5 V, CE cycling at min. cycle time. All
inputs toggling at CMOS levels
(0.2 V or VDD – 0.2 V), all DQ pins unloaded.
––
12
mA
ISB
Standby current
VDD = 5.5 V, CE at VIH, All other pins are static
and at CMOS levels (0.2 V or VDD – 0.2 V)
–20
50
µA
ILI
Input leakage current
VIN between VDD and VSS
––
+1µA
ILO
Output leakage current
VOUT between VDD and VSS
––
+1µA
VIH
Input HIGH voltage
0.7 × VDD
–VDD + 0.3
V
VIL
Input LOW voltage
– 0.3
0.3 × VDD
V
VOH1
Output HIGH voltage
IOH = –1.0 mA, VDD > 2.7 V
2.4
V
VOH2
Output HIGH voltage
IOH = –100 µA
VDD – 0.2
V
VOL1
Output LOW voltage
IOL = 2 mA, VDD > 2.7 V
0.4
V
VOL2
Output LOW voltage
IOL = 150 µA
0.2
V
Data Retention and Endurance
Parameter
Description
Test condition
Min
Max
Unit
TDR
Data retention
At +85
C
10
Years
At +75
C38
At +65
C151
NVC
Endurance
Over operating temperature
1014
Cycles
Note
1. Typical values are at 25 °C, VDD = VDD (typ). Not 100% tested.


Número de pieza similar - FM16W08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
FM16W08-SG RAMTRON-FM16W08-SG Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM16W08-SG CYPRESS-FM16W08-SG Datasheet
327Kb / 12P
   64Kb Wide Voltage Bytewide F-RAM
More results

Descripción similar - FM16W08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cypress Semiconductor
CY14MB064Q CYPRESS-CY14MB064Q_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY14MB064Q1B CYPRESS-CY14MB064Q1B Datasheet
913Kb / 28P
   64-Kbit (8 K 횞 8) SPI nvSRAM
CY15B064J CYPRESS-CY15B064J Datasheet
369Kb / 18P
   64-Kbit (8K 횞 8) Serial (I2C) Automotive F-RAM
CY15E064Q CYPRESS-CY15E064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY15B064Q CYPRESS-CY15B064Q Datasheet
610Kb / 20P
   64-Kbit (8K 횞 8) Serial (SPI) Automotive F-RAM
CY14MB064J1A CYPRESS-CY14MB064J1A Datasheet
1Mb / 28P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY14MB064J CYPRESS-CY14MB064J_12 Datasheet
1Mb / 30P
   64-Kbit (8 K 횞 8) Serial (I2C) nvSRAM
CY7C185 CYPRESS-CY7C185_11 Datasheet
394Kb / 15P
   64-Kbit (8 K 횞 8) Static RAM CMOS for optimum speed/power
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
logo
Ramtron International C...
FM16W08 RAMTRON-FM16W08 Datasheet
96Kb / 11P
   64Kb Wide Voltage Bytewide F-RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com