Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CX16M104K Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza CX16M104K
Descripción Electrónicos  Subminiature, Leaded Solid Tantalum Capacitors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CX16M104K Datasheet(HTML) 1 Page - Vishay Siliconix

  CX16M104K Datasheet HTML 1Page - Vishay Siliconix CX16M104K Datasheet HTML 2Page - Vishay Siliconix CX16M104K Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
57
CX16
Vishay Sprague
Document Number: 43018
Revision 17-Apr-02
For technical questions, contact tantalum@vishay.com
DIMENSIONS in inches [millimeters]
Subminiature, Leaded Solid Tantalum Capacitors
FEATURES
• Axial leads
•2 to 35 VDC
• 0.1µF to 220µF
• Operating temperature range : - 55°C to + 85°C
• Qualified to MIL-PRF-49137
ORDERING INFORMATION
CX
MODEL
16
LEAD
CONFIGURATION
1 = Axial
474
CAPACITANCE
M
CAPACITANCE
TOLERANCE
M = ± 20%
K = ± 10%
AXIAL
CASE
T
W
H
M
± 0.002
CODE
MAX
MAX
MAX
[
± 0.051]
A
0.040
0.050
0.100
0.007
[1.02]
[1.27]
[2.54]
[0.18]
B
0.040
0.070
0.125
0.010
[1.02]
[1.78]
[3.18]
[0.25]
C
0.070
0.120
0.165
0.010
[1.78]
[3.05]
[4.19]
[0.25]
D
0.075
0.185
0.225
0.010
[1.91]
[4.70]
[5.72]
[0.25]
E
0.110
0.220
0.290
0.016
[2.79]
[5.59]
[7.37]
[0.41]
F
0.130
0.230
0.310
0.016
[3.30]
[5.84]
[7.87]
[0.41]
G
0.150
0.375
0.475
0.016
[3.81]
[9.53]
[12.07]
[0.41]
Anode Identification
placed over positive
lead in red or in
contrasting colour
0.75
[19.05]
min
W
(-)
(+)
M
T
H
0.75
[19.05]
min
A
VOLTAGE
Example: CX16A474M


Número de pieza similar - CX16M104K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
EUROQUARTZ limited
CX16 EUROQUARTZ-CX16 Datasheet
126Kb / 1P
   Ultra-miniature SMD design, 2.0 x 1.2 x 0.4mm
logo
STATEK CORPORATION
CX16 STATEK-CX16 Datasheet
189Kb / 2P
   Low Profile, Ultra-Miniature Surface Mount Quartz Crystal
logo
IQD Frequency Products ...
CX16-AT IQD-CX16-AT Datasheet
112Kb / 2P
   Quartz Crystal Specification
logo
Kyocera Kinseki Corpota...
CX1612DB KSS-CX1612DB Datasheet
66Kb / 1P
   Crystal units surface mount type
CX1612DB36000B0GEJ KSS-CX1612DB36000B0GEJ Datasheet
66Kb / 1P
   Crystal units surface mount type
More results

Descripción similar - CX16M104K

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CX06 VISHAY-CX06 Datasheet
48Kb / 3P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision 13-Jun-02
CX06J156K VISHAY-CX06J156K Datasheet
62Kb / 4P
   Subminiature, Leaded Solid Tantalum Capacitors
Revision: 09-Mar-12
STC VISHAY-STC Datasheet
363Kb / 7P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 10-Dec-07
HA10-15C9RM VISHAY-HA10-15C9RM Datasheet
98Kb / 8P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 26-Aug-14
HA10-2N4RM VISHAY-HA10-2N4RM Datasheet
380Kb / 9P
   Subminiature, Leaded Solid Tantalum Capacitors Polar or Non-Polar
Revision: 05-Dec-07
logo
Cornell Dubilier Electr...
TAC335K006P01 CDE-TAC335K006P01 Datasheet
196Kb / 4P
   Molded, Axial Leaded Solid Tantalum Capacitors
TDC CDE-TDC Datasheet
149Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
TDC335006NSE-F CDE-TDC335006NSE-F Datasheet
195Kb / 5P
   Dipped, Radial Leaded, Solid Tantalum Capacitors
CSR21 CDE-CSR21 Datasheet
326Kb / 2P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
CSR23 CDE-CSR23 Datasheet
376Kb / 3P
   Solid Tantalum Capacitors 125 ?C, Hermetically Sealed, Axial Leaded, Solid Tantalum Capacitors
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com