Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMM205NR00 Datasheet(PDF) 3 Page - Summit Microelectronics, Inc.

No. de pieza SMM205NR00
Descripción Electrónicos  Dual Channel Supply Voltage Marginer and Active DC Output Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SUMMIT [Summit Microelectronics, Inc.]
Página de inicio  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR00 Datasheet(HTML) 3 Page - Summit Microelectronics, Inc.

  SMM205NR00 Datasheet HTML 1Page - Summit Microelectronics, Inc. SMM205NR00 Datasheet HTML 2Page - Summit Microelectronics, Inc. SMM205NR00 Datasheet HTML 3Page - Summit Microelectronics, Inc. SMM205NR00 Datasheet HTML 4Page - Summit Microelectronics, Inc. SMM205NR00 Datasheet HTML 5Page - Summit Microelectronics, Inc. SMM205NR00 Datasheet HTML 6Page - Summit Microelectronics, Inc. SMM205NR00 Datasheet HTML 7Page - Summit Microelectronics, Inc. SMM205NR00 Datasheet HTML 8Page - Summit Microelectronics, Inc. SMM205NR00 Datasheet HTML 9Page - Summit Microelectronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
3
1
9
12
2
28
6
A0
A2
3
START
SCL
SDA
8
WP#
VREF_CNTL
18
19
20
TRIM_CAPA
COMP1
TRIMA
VREF
MUX
COMP2
OUTPUT
CONTROL
11
5
READY
FAULT#
15
16
TRIM_CAPB
TRIMB
TRIM
DRIVE A
TRIM
DRIVE B
INPUT VOLTAGE
SENSING AND
SIGNAL
CONDITIONING
17
14
VMB
VMA
4
A1
I2C
INTER-
FACE
SUPPLY
ARBITRATION
3.6V / 5V
REGULATOR
22
23
21
VDD
VDD_CAP
12VIN
EE
CONFIGURATION
REGISTERS
AND MEMORY
7
GND
10 FILT_CAP
CMP
CMP
CMP
Figure 3 –Block Diagram.
PACKAGE AND PIN CONFIGURATION
INTERNAL BLOCK DIAGRAM
28 Pin QFN
Top View
1
28
21
20
19
18
17
16
15
22
23
24
25
26
27
2
3
4
5
6
7
14
13
SMM205
Pin 1
SCL
A2
START
A1
READY
A0
GND
VDD
TRIMA
COMP1
TRIM_CAPA
VMB
TRIMB
TRIM_CAPB
12
11
10
9
8


Número de pieza similar - SMM205NR00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Bel Fuse Inc.
SMM20 BEL-SMM20 Datasheet
365Kb / 2P
   Square Ceramic Surface Mount Medium Blow Fuse
SMM20 BEL-SMM20 Datasheet
1Mb / 4P
   Type SMM
logo
List of Unclassifed Man...
SMM20N50 ETC1-SMM20N50 Datasheet
409Kb / 4P
   N-CHANNEL ENHANCEMENT MODE TRANSISTOR
SMM20P10 ETC1-SMM20P10 Datasheet
180Kb / 4P
   P-CHANNEL ENHANCEMENT MODE TRANSISTOR
More results

Descripción similar - SMM205NR00

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Summit Microelectronics...
SMM105 SUMMIT-SMM105 Datasheet
379Kb / 21P
   Single-Channel Supply Voltage Marginer and Active DC Output Controller
SMM605 SUMMIT-SMM605 Datasheet
899Kb / 23P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM605 SUMMIT-SMM605_11 Datasheet
366Kb / 24P
   Six-Channel Supply Voltage Marginer and Active DC Output Controller (ADOCTM)
SMM665B SUMMIT-SMM665B Datasheet
867Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C Datasheet
639Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665B SUMMIT-SMM665B_11 Datasheet
938Kb / 30P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM665C SUMMIT-SMM665C_11 Datasheet
587Kb / 36P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM465 SUMMIT-SMM465 Datasheet
950Kb / 30P
   4-Channel Active DC Output Controller, Monitor, Marginer and Sequencer
SMM766B SUMMIT-SMM766B Datasheet
498Kb / 39P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link
SMM766 SUMMIT-SMM766_11 Datasheet
420Kb / 32P
   Six-Channel Active DC Output Controller, Monitor, Marginer and Sequencer with Sequence-Link?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com