Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9965A Datasheet(PDF) 4 Page - NXP Semiconductors

No. de pieza TDA9965A
Descripción Electrónicos  12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9965A Datasheet(HTML) 4 Page - NXP Semiconductors

  TDA9965A Datasheet HTML 1Page - NXP Semiconductors TDA9965A Datasheet HTML 2Page - NXP Semiconductors TDA9965A Datasheet HTML 3Page - NXP Semiconductors TDA9965A Datasheet HTML 4Page - NXP Semiconductors TDA9965A Datasheet HTML 5Page - NXP Semiconductors TDA9965A Datasheet HTML 6Page - NXP Semiconductors TDA9965A Datasheet HTML 7Page - NXP Semiconductors TDA9965A Datasheet HTML 8Page - NXP Semiconductors TDA9965A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
2004 Jul 05
4
Philips Semiconductors
Product specification
12-bit, 5.0 V, 40 Msps analog-to-digital
interface for CCD cameras
TDA9965A
PINNING
SYMBOL
PIN
DESCRIPTION
AGND4
1
analog ground 4
IN
2
data input signal from CCD
AGND5
3
analog ground 5
STGE
4
clamp storage capacitor pin
AGND1
5
analog ground 1
VCCA1
6
analog supply voltage 1
AGND2
7
analog ground 2
VCCA2
8
analog supply voltage 2
Vref
9
ADC clamp reference voltage input; short-circuited to ground via a capacitor
PGAOUT
10
PGA amplifier signal output
ADCIN
11
ADC analog signal input; externally connected to pin PGAOUT
n.c.
12
not connected
REGEN
13
regulator enable input (active HIGH)
VRB
14
regulator reference voltage bottom
VRT
15
regulator reference voltage top
DEC
16
regulator decoupling; decoupled to ground via a capacitor
REF32
17
internal reference voltage; decoupled to ground via a capacitor
VCCA3
18
analog supply voltage 3
AGND3
19
analog ground 3
SEN
20
enable input for the serial interface shift register (active LOW)
SCLK
21
serial clock input for the serial interface
SDATA
22
serial data input: 10-bit PGA gain, 4-bit DAC for the frequency cut-off, 10 low significant bits for
the digital ADC clamp and edge pulse control
D0
23
ADC digital output 0 (LSB)
D1
24
ADC digital output 1
D2
25
ADC digital output 2
D3
26
ADC digital output 3
D4
27
ADC digital output 4
D5
28
ADC digital output 5
OGND1
29
digital output ground 1
VCCO1
30
digital output supply voltage 1
OGND2
31
digital output ground 2
VCCO2
32
digital output supply voltage 2
D6
33
ADC digital output 6
D7
34
ADC digital output 7
D8
35
ADC digital output 8
D9
36
ADC digital output 9
D10
37
ADC digital output 10
D11
38
ADC digital output 11 (MSB)
STDBY
39
standby control input (active HIGH); all output bits are logic 0 when standby is enabled


Número de pieza similar - TDA9965A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965HL PHILIPS-TDA9965HL Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results

Descripción similar - TDA9965A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com