Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9965A Datasheet(PDF) 3 Page - NXP Semiconductors

No. de pieza TDA9965A
Descripción Electrónicos  12-bit, 5.0 V, 40 Msps analog-to-digital interface for CCD cameras
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  PHILIPS [NXP Semiconductors]
Página de inicio  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9965A Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA9965A Datasheet HTML 1Page - NXP Semiconductors TDA9965A Datasheet HTML 2Page - NXP Semiconductors TDA9965A Datasheet HTML 3Page - NXP Semiconductors TDA9965A Datasheet HTML 4Page - NXP Semiconductors TDA9965A Datasheet HTML 5Page - NXP Semiconductors TDA9965A Datasheet HTML 6Page - NXP Semiconductors TDA9965A Datasheet HTML 7Page - NXP Semiconductors TDA9965A Datasheet HTML 8Page - NXP Semiconductors TDA9965A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
2004 Jul 05
3
Philips Semiconductors
Product specification
12-bit, 5.0 V, 40 Msps analog-to-digital
interface for CCD cameras
TDA9965A
BLOCK DIAGRAM
handbook, full pagewidth
MGU713
REGULATOR
12-BIT ADC
CLAMP
CLAMP
SERIAL
INTERFACE
INIT-ON-
POWER
OUTPUT
BUFFER
7
6
9
8
10
11
14
13
15
16
17
18
20
21
22
23
19
24
25
26
27
28
29
30
31
32
33
34
35
37
38
39
40
41
42
43
44
45
48
46
47
DGND2
AGND4
IN
SHD
SHP
CLPADC
CLPOB
CLKADC
DGND1
VCCD2
D8
D7
D6
VCCO2
OGND2
VCCO1
OGND1
D5
D4
D3
D2
REGEN
SEN
D1
D0
SCLK
SDATA
DEC
REF32
VRT
VRB
VCCA3
AGND3
ADCIN
Vref
VCCA1
VCCA2
AGND2
TDA9965A
36
D9
D11
STDBY
VCCD1
D10
1
3
4
5
2
AGND5
AGND1
12
n.c.
STGE
PGAOUT
REF = 3.2 V
10
12
TRACK AND HOLD
CLOCK
4-BIT DAC
10-BIT DAC
PGA
Fig.1 Block diagram.


Número de pieza similar - TDA9965A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA9965HL PHILIPS-TDA9965HL Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
More results

Descripción similar - TDA9965A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
TDA9965 PHILIPS-TDA9965 Datasheet
137Kb / 22P
   12-bit, 5.0 V, 30 Msps analog-to-digital interface for CCD cameras
2004 Jul 05
TDA8783 PHILIPS-TDA8783 Datasheet
110Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Jun 25
TDA8783HLBE-T NXP-TDA8783HLBE-T Datasheet
111Kb / 28P
   40 Msps, 10-bit analog-to-digital interface for CCD cameras
2002 Oct 23
TDA9962 PHILIPS-TDA9962 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 20 Msps analog-to-digital interface for CCD cameras
2000 May 01
TDA9964 PHILIPS-TDA9964 Datasheet
109Kb / 24P
   12-bit, 3.0 V, 30 Msps analog-to-digital interface for CCD cameras
2000 May 02
TDA8784 PHILIPS-TDA8784 Datasheet
112Kb / 28P
   18 Msps, 10-bit analog-to-digital interface for CCD cameras
1999 Sep 21
TDA9952 PHILIPS-TDA9952 Datasheet
132Kb / 28P
   10-bit, 3.0 V, 25 Msps analog-to-digital interface for CCD cameras
2002 Aug 21
TDA8787A PHILIPS-TDA8787A Datasheet
114Kb / 24P
   10-bit, 3.0 V, up to 25 Msps analog-to-digital interface for CCD cameras
2000 Nov 14
TDA8786 PHILIPS-TDA8786 Datasheet
186Kb / 28P
   10-bit analog-to-digital interface for CCD cameras
1997 Nov 17
TDA8787 PHILIPS-TDA8787 Datasheet
106Kb / 20P
   10-bit, 3.0 V analog-to-digital interface for CCD cameras
1998 Oct 15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com